データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAP1214 データシート(PDF) 9 Page - SMSC Corporation

部品番号 CAP1214
部品情報  Multiple Channel Capacitive Touch Sensor and LED Driver
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1214 データシート(HTML) 9 Page - SMSC Corporation

Back Button CAP1214 Datasheet HTML 5Page - SMSC Corporation CAP1214 Datasheet HTML 6Page - SMSC Corporation CAP1214 Datasheet HTML 7Page - SMSC Corporation CAP1214 Datasheet HTML 8Page - SMSC Corporation CAP1214 Datasheet HTML 9Page - SMSC Corporation CAP1214 Datasheet HTML 10Page - SMSC Corporation CAP1214 Datasheet HTML 11Page - SMSC Corporation CAP1214 Datasheet HTML 12Page - SMSC Corporation CAP1214 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
9
Revision 1.0 (08-30-10)
DATASHEET
Chapter 1 Pin Description
Figure 1.1 CAP1214 Pin Diagram (32-Pin QFN)
Table 1.1 Pin Description for CAP1214
PIN #
PIN NAME
PIN FUNCTION
PIN
TYPE
UNUSED
CONNECTION
1
CS8
Capacitive Touch Sensor 8
AIO
Connect to Ground
2
CS9
Capacitive Touch Sensor 9
AIO
Connect to Ground
3
CS10
Capacitive Touch Sensor 10
AIO
Connect to Ground
4
CS11
Capacitive Touch Sensor 11
AIO
Connect to Ground
5
CS12
Capacitive Touch Sensor 12
AIO
Connect to Ground
6
CS13
Capacitive Touch Sensor 13
AIO
Connect to Ground
7
CS14
Capacitive Touch Sensor 14
AIO
Connect to Ground
1
2
3
4
5
6
7
24
23
22
21
20
19
18
CS8
CS9
CS10
CS11
CS12
CS13
CS14
LED10
LED9
SMCLK
ALERT
SMDATA
VDD
LED11
8
17
GND
RESET
FEEDBACK
* Connect to ground.


同様の部品番号 - CAP1214

メーカー部品番号データシート部品情報
logo
Microchip Technology
CAP1214 MICROCHIP-CAP1214 Datasheet
1Mb / 107P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.0 08-30-10
CAP1214-1-EZK-TR MICROCHIP-CAP1214-1-EZK-TR Datasheet
1Mb / 107P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.0 08-30-10
More results

同様の説明 - CAP1214

メーカー部品番号データシート部品情報
logo
Microchip Technology
CAP1114 MICROCHIP-CAP1114 Datasheet
1Mb / 102P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.1 02-04-11
logo
SMSC Corporation
CAP1014 SMSC-CAP1014 Datasheet
1Mb / 84P
   Multiple Channel Capacitive Touch Sensor and LED Driver
CAP1114 SMSC-CAP1114 Datasheet
1Mb / 102P
   Multiple Channel Capacitive Touch Sensor and LED Driver
logo
Microchip Technology
CAP1214 MICROCHIP-CAP1214 Datasheet
1Mb / 107P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.0 08-30-10
logo
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
logo
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
   5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com