データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M9373A データシート(PDF) 6 Page - Keysight Technologies

部品番号 M9373A
部品情報  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9373A データシート(HTML) 6 Page - Keysight Technologies

Back Button M9373A Datasheet HTML 2Page - Keysight Technologies M9373A Datasheet HTML 3Page - Keysight Technologies M9373A Datasheet HTML 4Page - Keysight Technologies M9373A Datasheet HTML 5Page - Keysight Technologies M9373A Datasheet HTML 6Page - Keysight Technologies M9373A Datasheet HTML 7Page - Keysight Technologies M9373A Datasheet HTML 8Page - Keysight Technologies M9373A Datasheet HTML 9Page - Keysight Technologies M9373A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
Definitions
Specification (spec.)
Warranted performance. Specifications include guardbands to account for the expected statistical performance
distribution, measurement uncertainties, and changes in performance due to environmental conditions. All
specifications and characteristics apply over a 25°C ±5°C range ambient and module temperature between 33°C to
46°C (unless otherwise stated). The following conditions must be met:
Instrument has been turned on for 60 minutes with PXI VNA application running.
Instrument is within its calibration cycle.
Instrument remains at a stable surrounding environment temperature (between -10°C to 55°C) for 60 minutes
prior to turn-on.
Characteristic (char.)
A performance parameter that the product is expected to meet before it leaves the factory, but that is not verified in
the field and is not covered by the product warranty. A characteristic includes the same guardbands as a specification.
Typical (typ.)
Expected performance of an average unit at a stable temperature between 25°C ±5°C for 60 minutes prior to turn-on
and during operation; does not include guardbands. It is not covered by the product warranty. The instrument must be
within its calibration cycle.
Nominal (nom.)
A general, descriptive term or design parameter. It is not tested, and not covered by the product warranty.
Calibration
The process of measuring known standards to characterize an instrument's systematic (repeatable) errors.
Corrected (residual)
Indicates performance after error correction (calibration). It is determined by the quality of calibration standards and
how well "known" they are, plus system repeatability, stability, and noise.
Uncorrected (raw)
Indicates instrument performance without error correction. The uncorrected performance affects the stability of a
calibration
Temperatures referred to in this document are defined as follows:
Full temperature range = individual module temperature of 10°C to 70°C, as reported by the module, and
environment temperature of 0°C to 55°C.
Controlled temperature range = individual module temperature of 33°C to 46°C, as reported by the module, and
environment temperature of 20°C to 30°C.
Frequency break points
For all tables in this data sheet, the specified performance at the exact frequency of a break is the degraded value of
the two specifications at that frequency, unless otherwise indicated.


同様の部品番号 - M9373A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
   IF Filter for Audio Applications
logo
Keysight Technologies
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9372A KEYSIGHT-M9372A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
More results

同様の説明 - M9373A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9372A KEYSIGHT-M9372A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com