データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Q12 データシート(PDF) 6 Page - XP Power Limited

部品番号 Q12
部品情報  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XPPOWER [XP Power Limited]
ホームページ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

Q12 データシート(HTML) 6 Page - XP Power Limited

Back Button Q12 Datasheet HTML 2Page - XP Power Limited Q12 Datasheet HTML 3Page - XP Power Limited Q12 Datasheet HTML 4Page - XP Power Limited Q12 Datasheet HTML 5Page - XP Power Limited Q12 Datasheet HTML 6Page - XP Power Limited Q12 Datasheet HTML 7Page - XP Power Limited Q12 Datasheet HTML 8Page - XP Power Limited Q12 Datasheet HTML 9Page - XP Power Limited Q12 Datasheet HTML 10Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
4752CM01
PAGE 6
Q SERIES
ELECTRICAL SPECIFICATIONS*3(6,000V - 10,000V)
WWW.XPPOWER.COM
Q MODELS - 0.50 Watt
OUTPUT
VOLTAGE*2
MODEL
MAXIMUM
OUTPUT
CURRENT*1
RIPPLE
P-P
POSITIVE
0 to +6,000 VDC
Q60
83 μA
<1.000 %
0 to +8,000 VDC
Q80
62.5 μA
<1.000 %
0 to +10,000 VDC
Q101
50 μA
<1.000 %
NEGATIVE
0 to -6,000 VDC
Q60N
83 uA
<1.000 %
0 to -8,000 VDC
Q80N
62.5 uA
<1.000 %
0 to -10,000 VDC
Q101N
50 uA
<1.000 %
INPUT CURRENT
Q MODELS - 0.50 Watt
VIN
NO-LOAD
FULL-LOAD
5 VDC
<175 mA
<250 mA
PARAMETER
VALUE
INPUT VOLTAGE
0 to 5 VOLTS
TYPICAL TURN-ON VOLTAGE
<0.7 VOLTS
ISOLATION
< +/- 500 VDC BIAS ON OUTPUT RETURN (W4)
OUTPUT VOLTAGE TOLERANCE
+10%, -10% (AT 100% OUTPUT, FULL LOAD)
FREQUENCY
75-500KHZ (TYPICAL)
STANDARD
TEMPERATURE RANGES
OPERATING: -10 TO +60°C*4 (CASE)
STORAGE: -20° TO +105°C


同様の部品番号 - Q12

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
Q12 ETC2-Q12 Datasheet
179Kb / 2P
   UL8750 and CE compliant
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
Powerbox
Q12-5 POWERBOX-Q12-5 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
List of Unclassifed Man...
Q12-U12-XP ETC2-Q12-U12-XP Datasheet
179Kb / 2P
   UL8750 and CE compliant
Q12-U24-XP ETC2-Q12-U24-XP Datasheet
179Kb / 2P
   UL8750 and CE compliant
More results

同様の説明 - Q12

メーカー部品番号データシート部品情報
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com