データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74479287147 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74479287147
部品情報  WE-PMCI Power Molded Chip Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74479287147 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74479287147 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479287147 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479287147 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479287147 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479287147 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479287147 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions: [mm]
Scale - 10:1
2,5 ±0,2
0,6 ±0,2
Recommended Land Pattern: [mm]
Scale - 10:1
1,2
0,8
0,8
Schematic:
Electrical Properties
Properties
Test conditions
Value
Unit
Tol.
Inductance
1 MHz/ 5 mA
L
0.47
μH
±20%
Rated Current
ΔT = 20 K
IR 1
2400
mA
typ.
Rated Current
ΔT = 40 K
IR 2
3300
mA
typ.
Saturation Current
|ΔL/L| < 30 %
ISAT
5000
mA
typ.
DC Resistance
@ 20°C
RDC
25
typ.
DC Resistance
@ 20°C
RDC
33
max.
Self Resonant
Frequency
fres
100
MHz
typ.
General Information
It is recommeded that the temperature of the component does not exceed +125°C under worst
case conditions
Operating Temperature
TOP
-40 °C up to +125 °C
Storage Temperature (in
original packaging)
TS
-20 °C up to +40 °C
Test conditions of Electrical Properties: 20°C, 33% RH if not specified differently
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
DDi
DIN ISO 2768-1m
DESCRIPTION
WE-PMCI Power Molded Chip
Inductor
ORDER CODE
74479287147
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
1008
001.000
Draft
2016-04-14
eiSos
1/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74479287147

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74479287210 WURTH-74479287210 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479287222 WURTH-74479287222 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
More results

同様の説明 - 74479287147

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74479262210 WURTH-74479262210 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479275210 WURTH-74479275210 Datasheet
286Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479276222C WURTH-74479276222C Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479299222 WURTH-74479299222 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479299147 WURTH-74479299147 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479287210 WURTH-74479287210 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479288210 WURTH-74479288210 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479262147 WURTH-74479262147 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479275147 WURTH-74479275147 Datasheet
288Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479276124 WURTH-74479276124 Datasheet
286Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479276168 WURTH-74479276168 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com