データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA-2409SHLF データシート(PDF) 6 Page - Bothhand USA, LP.

部品番号 BA-2409SHLF
部品情報  0.5 To 1 Watt Isolated DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOTHHAND [Bothhand USA, LP.]
ホームページ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-2409SHLF データシート(HTML) 6 Page - Bothhand USA, LP.

  BA-2409SHLF Datasheet HTML 1Page - Bothhand USA, LP. BA-2409SHLF Datasheet HTML 2Page - Bothhand USA, LP. BA-2409SHLF Datasheet HTML 3Page - Bothhand USA, LP. BA-2409SHLF Datasheet HTML 4Page - Bothhand USA, LP. BA-2409SHLF Datasheet HTML 5Page - Bothhand USA, LP. BA-2409SHLF Datasheet HTML 6Page - Bothhand USA, LP. BA-2409SHLF Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BA-SH LF - Series
0.5 To 1 Watt Isolated DC-DC Converter
9. Recommended Footprint Details
SIL Package Style
DIL Package Style
10. Package
SIL Package Style
2.54
(0.10)
7.62
(0.30)
1.27
(0.05)
0.8~1.0
4
3
2
1
Units : mm ( inch )
Tolerance : .xx ± 0.25 ( ± 0.01)
7.62
(0.30)
2.54
(0.10)
1.27
(0.05)
0.8~1.0
1
4
5
7
8
BOTHHAND USA sales@bothhandusa.com


同様の部品番号 - BA-2409SHLF

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
BA-2409SHLF BOTHHAND-BA-2409SHLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
More results

同様の説明 - BA-2409SHLF

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
BA-SHLF BOTHHAND-BA-SHLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-053R3S BOTHHAND-BA-053R3S Datasheet
165Kb / 2P
   0.5 to 1 Watt Isolated DC-DC Converter Single Output
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7-1V EATON-EPM7-1V Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BMA1-SERIES BOTHHAND-BMA1-SERIES Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-1V EATON-EPM6-1V Datasheet
652Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BA-053R3D BOTHHAND-BA-053R3D Datasheet
318Kb / 4P
   0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
BA-LF-SERIES BOTHHAND-BA-LF-SERIES Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
BALF BOTHHAND-BALF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com