データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C-1216 データシート(PDF) 2 Page - Kemet Corporation

部品番号 C-1216
部品情報  High Current AC, Snap-on Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

C-1216 データシート(HTML) 2 Page - Kemet Corporation

  C-1216 Datasheet HTML 1Page - Kemet Corporation C-1216 Datasheet HTML 2Page - Kemet Corporation C-1216 Datasheet HTML 3Page - Kemet Corporation C-1216 Datasheet HTML 4Page - Kemet Corporation C-1216 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
SE0204_C_CT • 8/20/2015
Sensors – C/CT Series High Current AC, Snap-on Type
Dimensions in mm
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2015.3.31 0000SENVOL14E1503H1
NEC TOKIN Sensors Vol.14 17
Alternating Current Sensor(Snap-on Type) C/CT-1216【RoHS Compliant】
Specifications
Item
Unit
Specifications
Comments
Rated current
Arms
120
50Hz/60Hz
Applicable current
Arms
0.1~120
50Hz/60Hz
Output voltage
mV
1000+/-20
Io=50A RL=60Ω f=50Hz
Current transformation ratio
3000
Output protection
V
7.5V
Insulation resistance
≧100
DC500V
Operating temperature range
-20~+60
Strage temperature range
-20℃~+80℃
Outline
This clamp-on current sensor can be used to measure
currents in live wires.
Features
• Compact, slim.
• High performance from its unique design
• Flat temperature characteristics
• Flame retardant
Applications
• xEMS current measurement
• High performance distribution boards
• Industrial machineries
Shape and Dimensions
Output Characteristics
(mm)
23
16
36.7
φ16
l(クロ)
k(シロ)
SC
K
L
140
100000
10000
1000
100
10
1
0.001
0.01
0.1
1
Primary current [A]
10
100
1000
1000
100
60
10
Load resistance(Ω)
Output Characteristics
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2015.3.31 0000SENVOL14E1503H1
NEC TOKIN Sensors Vol.14 17
Alternating Current Sensor(Snap-on Type) C/CT-1216【RoHS Compliant】
Specifications
Item
Unit
Specifications
Comments
Rated current
Arms
120
50Hz/60Hz
Applicable current
Arms
0.1~120
50Hz/60Hz
Output voltage
mV
1000+/-20
Io=50A RL=60Ω f=50Hz
Current transformation ratio
3000
Output protection
V
7.5V
Insulation resistance
≧100
DC500V
Operating temperature range
-20~+60
Strage temperature range
-20℃~+80℃
Outline
This clamp-on current sensor can be used to measure
currents in live wires.
Features
• Compact, slim.
• High performance from its unique design
• Flat temperature characteristics
• Flame retardant
Applications
• xEMS current measurement
• High performance distribution boards
• Industrial machineries
Shape and Dimensions
Output Characteristics
(mm)
23
16
36.7
φ16
l(クロ)
k(シロ)
SC
K
L
140
100000
10000
1000
100
10
1
0.001
0.01
0.1
1
Primary current [A]
10
100
1000
1000
100
60
10
Load resistance(Ω)
Environmental Compliance
All C/CT sensors are RoHS compliant.


同様の部品番号 - C-1216

メーカー部品番号データシート部品情報
logo
PREMO CORPORATION S.L
C-121-K PREMO-C-121-K Datasheet
192Kb / 1P
   Coils and Chokes for general use
logo
TE Connectivity Ltd
C-1217169 TEC-C-1217169 Datasheet
48Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
C-1217272 TEC-C-1217272 Datasheet
53Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
C-1217332 TEC-C-1217332 Datasheet
49Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
C-1217382 TEC-C-1217382 Datasheet
46Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

同様の説明 - C-1216

メーカー部品番号データシート部品情報
logo
Kemet Corporation
C-12-16 KEMET-C-12-16 Datasheet
297Kb / 5P
   C/CT Series High Current AC, Snap-on Type
logo
Extech Instruments Corp...
CA310 EXTECH-CA310 Datasheet
195Kb / 2P
   300A AC Current Clamp-on
logo
Kemet Corporation
C-CT-1216 KEMET-C-CT-1216 Datasheet
54Kb / 1P
   KEMET, C/CT-1216, Current, Round - Snap-on, AC, High Performance, Compact, Slim, Flame Retardant
7/05/2020
logo
Sharp Corporation
PC733H SHARP-PC733H Datasheet
66Kb / 4P
   High Input Current, AC Input Type Photocoupler
logo
WAGO Kontakttechnik Gmb...
757-001 WAGO-757-001 Datasheet
50Kb / 2P
   Marking strips; not stretchable; snap-on type
logo
Winchester Electronics ...
10302 WINCHESTER-10302 Datasheet
91Kb / 1P
   COAXIAL CONNECTOR 50 OHM SNAP ON TYPE
logo
WAGO Kontakttechnik Gmb...
757-011 WAGO-757-011 Datasheet
66Kb / 2P
   Marker card; not stretchable; snap-on type; white
logo
Illinois Capacitor, Inc...
LC4 ILLINOISCAPACITOR-LC4 Datasheet
630Kb / 3P
   High AC Voltage - High current
HC1 ILLINOISCAPACITOR-HC1 Datasheet
894Kb / 4P
   High AC Voltage - High current
HC3 ILLINOISCAPACITOR-HC3 Datasheet
1Mb / 4P
   High AC Voltage - High current
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com