データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U1241B データシート(PDF) 5 Page - Agilent(Hewlett-Packard)

部品番号 U1241B
部品情報  Agilent U1240 Series Handheld Handheld
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1241B データシート(HTML) 5 Page - Agilent(Hewlett-Packard)

  U1241B Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1241B Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1241B Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1241B Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1241B Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1241B Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1241B Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1241B Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1241B Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4
FREQUENCY SENSITIVITY DURING VOLTAGE MEASUREMENT
INPUT RANGE
MINIMUM SENSITIVITY (RMS Sine Wave)
(Maximum input for specified
accuracy = 10 x Range or 1000 V)
20 Hz - 50 kHz
50 kHz to 200 kHz
1000.0 mV
0.3 V
0.6 V
10.000 V
0.5 V
1.8 V
100.00 V
5 V
10 V (<100 kHz)
1000.0 V
50 V
100 V (<100 kHz)
FREQUENCY SENSITIVITY DURING CURRENT MEASUREMENT
INPUT RANGE
MINIMUM SENSITIVITY (RMS Sine Wave)
20 Hz to 20 kHz
1000.0 µA
100 µA
10000 µA
500 µA
100.00 mA
10 mA
440.00 mA
50 mA
10.000 A
1 A
FUNCTION
TIMES/SECOND
ACV
7
DCV (V or mV)
7
W
14
Diode
14
Capacitance
4 (< 100 µF)
DCA (mA, mA, A)
7
ACA (mA, mA, A)
7
Temperature
7 (single)
Frequency
1 (> 10 Hz)
MEASURING RATE


同様の部品番号 - U1241B

メーカー部品番号データシート部品情報
logo
Keysight Technologies
U1241B KEYSIGHT-U1241B Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

同様の説明 - U1241B

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1210 HP-U1210 Datasheet
441Kb / 17P
   Agilent U1210 Series Handheld Clamp Meters
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1701B HP-U1701B Datasheet
370Kb / 6P
   Agilent U1701B Handheld Capacitance Meter
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com