データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U1175A データシート(PDF) 6 Page - Agilent(Hewlett-Packard)

部品番号 U1175A
部品情報  Agilent U1210 Series Handheld Clamp Meters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1175A データシート(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button U1175A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
5
Accuracy is given as ± (% of reading + number of least significant digits) at 23 °C ± 5 °C, with relative humidity less than 80 % R.H.
ACV/ ACA specifications are ac coupled, true R.M.S. and are valid from 5 % of range to 100 % of range. The crest factor may be up to
3.0 at full-scale except the 1000 V and 1000 A ranges where these are 1.5 at full scale. For non-sinusoidal waveforms, add (2 % reading +
2 % full scale) typical, for crest factors up to 3.
DC voltage
Range
Resolution
Accuracy
Overload protection
400 V
0.1 V
0.5 % + 5
1000 V R.M.S
1000 V
1 V
0.5 % + 3
Input impedance: 10 MΩ (nominal)
AC voltage
Range
Resolution
Accuracy
Overload protection
45~400 Hz
400 V
0.1 V
1 % + 5
1000 V R.M.S
1000 V
1 V
1 % + 5
Input impedance: 10 MΩ (nominal) in parallel with < 100 pF
Voltage (1 ms peak hold)
Range
Resolution
Accuracy
Overload protection
400 V
0.1 V
1 % + 43
1000 V R.M.S
1000 V
1 V
1 % + 43
Specified accuracy for changes > 1 ms in duration
Diode check/audible continuity test
Range
Resolution
Accuracy
Test current
Open voltage
Diode
0.001 V
0.5 % + 2
Approximately 0.8 mA
< +3.1 V
Overload protection: 1000 V R.M.S. for circuits < 0.3 A of short circuit current
Built-in buzzer sounds when reading is below 50 mV approximately and single tone for normal forward-biased diode or semiconductor junction as
0.3 V ≤ Reading ≤ 0.8 V
Resistance
Range
Resolution
Accuracy
Test current
400 Ω
0.1 Ω
0.5 % + 3
0.8 mA
4 kΩ
0.001 kΩ
0.5 % + 3
80 µA
Notes:
1. Overload protection: 1000 V R.M.S. for circuits < 0.3 A of short circuit current
2. Maximum open voltage: < +3.1 V
3. Instant continuity: Built-in buzzer sounds when resistance is less than 10.0 Ω
4. The accuracy of 400 Ω and 4 kΩ is specified after Relative function, which is used to substrate the test lead resistance and the thermal effect
Electrical Specifications for U1211A


同様の部品番号 - U1175A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
U117 ETC2-U117 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U117 ETC2-U117 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Pentair plc. All rights...
U117-1568 PENTAIR-U117-1568 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
U117-1577 PENTAIR-U117-1577 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
logo
Agilent(Hewlett-Packard...
U1171A HP-U1171A Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
More results

同様の説明 - U1175A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
U1210 KEYSIGHT-U1210 Datasheet
2Mb / 17P
   Handheld Clamp Meters
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1190 KEYSIGHT-U1190 Datasheet
227Kb / 12P
   Clamp Meters
logo
Agilent(Hewlett-Packard...
U1701B HP-U1701B Datasheet
370Kb / 6P
   Agilent U1701B Handheld Capacitance Meter
logo
ASM GmbH
9290-10 ASM-SENSOR-9290-10 Datasheet
104Kb / 1P
   Clamp Meters
logo
Keysight Technologies
U1731C KEYSIGHT-U1731C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com