データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT102 データシート(PDF) 4 Page - Catalyst Semiconductor

部品番号 CAT102
部品情報  Precision, Adjustable Shunt Regulator (600mV Reference)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT102 データシート(HTML) 4 Page - Catalyst Semiconductor

  CAT102 Datasheet HTML 1Page - Catalyst Semiconductor CAT102 Datasheet HTML 2Page - Catalyst Semiconductor CAT102 Datasheet HTML 3Page - Catalyst Semiconductor CAT102 Datasheet HTML 4Page - Catalyst Semiconductor CAT102 Datasheet HTML 5Page - Catalyst Semiconductor CAT102 Datasheet HTML 6Page - Catalyst Semiconductor CAT102 Datasheet HTML 7Page - Catalyst Semiconductor CAT102 Datasheet HTML 8Page - Catalyst Semiconductor CAT102 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CAT102
4
Doc. No. 4007, Rev. L
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
2.2
6
10
14
18
0
1
2
3
4
5
6
1
5
10
15
20
Supply Voltage (V)
Load Current (mA)
Load Regulation
Line Regulation (at 1mA)
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0.1
1
10
100
1000
10000 100000
100
120
140
160
180
200
220
240
260
280
300
0
5
10
15
20
Supply Current vs. Load Current
Power-Supply Rejection Ratio vs. Frequency
Load Current (mA)
Frequency (Hz)


同様の部品番号 - CAT102

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
176Kb / 9P
   Precision, Adjustable Shunt Regulator
CAT102 CATALYST-CAT102 Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
logo
ON Semiconductor
CAT102 ONSEMI-CAT102 Datasheet
147Kb / 8P
   Precision, Adjustable Shunt Regulator (600 mV Reference)
Doc. No. MD-4007 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021 Datasheet
149Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
More results

同様の説明 - CAT102

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102_07 Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
   Precision Adjustable Shunt Reference
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
logo
ON Semiconductor
CAT102 ONSEMI-CAT102 Datasheet
147Kb / 8P
   Precision, Adjustable Shunt Regulator (600 mV Reference)
Doc. No. MD-4007 Rev. P
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com