データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT102 データシート(PDF) 8 Page - Catalyst Semiconductor

部品番号 CAT102
部品情報  Precision, Adjustable Shunt Regulator (600mV Reference)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT102 データシート(HTML) 8 Page - Catalyst Semiconductor

  CAT102 Datasheet HTML 1Page - Catalyst Semiconductor CAT102 Datasheet HTML 2Page - Catalyst Semiconductor CAT102 Datasheet HTML 3Page - Catalyst Semiconductor CAT102 Datasheet HTML 4Page - Catalyst Semiconductor CAT102 Datasheet HTML 5Page - Catalyst Semiconductor CAT102 Datasheet HTML 6Page - Catalyst Semiconductor CAT102 Datasheet HTML 7Page - Catalyst Semiconductor CAT102 Datasheet HTML 8Page - Catalyst Semiconductor CAT102 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CAT102
8
Doc. No. 4007, Rev. L
PACKAGE OUTLINES
5 LEAD SOT-23
1.600+0.050
-0.150
TOP PACKAGE
0.575
DATUM "A"
0.400+0.150
-0.050
1.900
0.950
PIN #5
PIN #4
PIN #1
PIN #3
0.350+0.150
-0.000
2.900+0.100
NOTES:
1. ALL DIMENSIONS ARE IN MM.
2. PACKAGE OUTLINE DIMENSIONS INCLUSIVE OF METAL BURR.
3. PACKAGE OUTLINE EXCLUSIVE OF MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.076MM.
4. ALL PACKAGE SURFACE TO BE MIRROR FINISH.
5. MOLDING WITH DIE FACING UP, AND FORMING WITH DIE FACING DOWN.
6. FOOT LENGTH TO BE MEASURED AT THE INTERCEPT POINT OF EXTERNAL LEADS AND DATUM "A".
7. LEADFINISH PLATING: 0.00762MM - 0.0254MM. PACKAGE OUTLINE EXCLUSIVE OF LEADFINISH PLATING.


同様の部品番号 - CAT102

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
176Kb / 9P
   Precision, Adjustable Shunt Regulator
CAT102 CATALYST-CAT102 Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
logo
ON Semiconductor
CAT102 ONSEMI-CAT102 Datasheet
147Kb / 8P
   Precision, Adjustable Shunt Regulator (600 mV Reference)
Doc. No. MD-4007 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021 Datasheet
149Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
More results

同様の説明 - CAT102

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102_07 Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
   Precision Adjustable Shunt Reference
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
logo
ON Semiconductor
CAT102 ONSEMI-CAT102 Datasheet
147Kb / 8P
   Precision, Adjustable Shunt Regulator (600 mV Reference)
Doc. No. MD-4007 Rev. P
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com