データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1085IS-5.0 データシート(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1085IS-5.0
部品情報  3A Low Dropout Positive Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1085IS-5.0 データシート(HTML) 8 Page - National Semiconductor (TI)

Back Button LM1085IS-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LM1085IS-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LM1085IS-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LM1085IS-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LM1085IS-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LM1085IS-5.0 Datasheet HTML 9Page - National Semiconductor (TI) LM1085IS-5.0 Datasheet HTML 10Page - National Semiconductor (TI) LM1085IS-5.0 Datasheet HTML 11Page - National Semiconductor (TI) LM1085IS-5.0 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Application Note (Continued)
Figure 3 shows a typical application using a fixed output
regulator. Rt1 and Rt2 are the line resistances. V
LOAD is less
than the V
OUT by the sum of the voltage drops along the line
resistances. In this case, the load regulation seen at the
R
LOAD would be degraded from the data sheet specification.
To improve this, the load should be tied directly to the output
terminal on the positive side and directly tied to the ground
terminal on the negative side.
When the adjustable regulator is used (Figure 4), the best
performance is obtained with the positive side of the resistor
R1 tied directly to the output terminal of the regulator rather
than near the load. This eliminates line drops from appearing
effectively in series with the reference and degrading regu-
lation. For example, a 5V regulator with 0.05
Ω resistance
between the regulator and load will have a load regulation
due to line resistance of 0.05
Ω xI
L.IfR1(=125
Ω)is
connected near the load the effective line resistance will be
0.05
Ω (1 + R2/R1) or in this case, it is 4 times worse. In
addition, the ground side of the resistor R2 can be returned
near the ground of the load to provide remote ground sens-
ing and improve load regulation.
PROTECTION DIODES
Under normal operation, the LM1085 regulator does not
need any protection diode. With the adjustable device, the
internal resistance between the adjustment and output ter-
minals limits the current. No diode is needed to divert the
current around the regulator even with a capacitor on the
adjustment terminal. The adjust pin can take a transient
signal of ±25V with respect to the output voltage without
damaging the device.
When an output capacitor is connected to a regulator and
the input is shorted, the output capacitor will discharge into
the output of the regulator. The discharge current depends
on the value of the capacitor, the output voltage of the
regulator, and rate of decrease of V
IN. In the LM1085 regu-
lator, the internal diode between the output and input pins
can withstand microsecond surge currents of 10A to 20A.
With an extremely large output capacitor (
≥1000 µf), and
with input instantaneously shorted to ground, the regulator
could be damaged. In this case, an external diode is recom-
mended between the output and input pins to protect the
regulator, shown in Figure 5.
OVERLOAD RECOVERY
Overload recovery refers to regulator’s ability to recover from
a short circuited output. A key factor in the recovery process
is the current limiting used to protect the output from drawing
too much power. The current limiting circuit reduces the
output current as the input to output differential increases.
Refer to short circuit curve in the curve section.
During normal start-up, the input to output differential is
small since the output follows the input. But, if the output is
shorted, then the recovery involves a large input to output
differential. Sometimes during this condition the current lim-
iting circuit is slow in recovering. If the limited current is too
low to develop a voltage at the output, the voltage will
stabilize at a lower level. Under these conditions it may be
necessary to recycle the power of the regulator in order to
get the smaller differential voltage and thus adequate start
up conditions. Refer to curve section for the short circuit
current vs. input differential voltage.
THERMAL CONSIDERATIONS
ICs heats up when in operation, and power consumption is
one factor in how hot it gets. The other factor is how well the
heat is dissipated. Heat dissipation is predictable by knowing
the thermal resistance between the IC and ambient (
θ
JA).
Thermal resistance has units of temperature per power (C/
W). The higher the thermal resistance, the hotter the IC.
The LM1085 specifies the thermal resistance for each pack-
age as junction to case (
θ
JC). In order to get the total
resistance to ambient (
θ
JA), two other thermal resistance
10094718
FIGURE 3. Typical Application using Fixed Output
Regulator
10094719
FIGURE 4. Best Load Regulation using Adjustable
Output Regulator
10094715
FIGURE 5. Regulator with Protection Diode
www.national.com
8


同様の部品番号 - LM1085IS-5.0

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1085IS-5.0/NOPB TI1-LM1085IS-5.0/NOPB Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
LM1085IS-5.0/NOPB TI1-LM1085IS-5.0/NOPB Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
More results

同様の説明 - LM1085IS-5.0

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com