データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN7407NSRE4 データシート(PDF) 1 Page - Texas Instruments

部品番号 SN7407NSRE4
部品情報  Hex Buffers and Drivers With Open-Collector High-Voltage Outputs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN7407NSRE4 データシート(HTML) 1 Page - Texas Instruments

  SN7407NSRE4 Datasheet HTML 1Page - Texas Instruments SN7407NSRE4 Datasheet HTML 2Page - Texas Instruments SN7407NSRE4 Datasheet HTML 3Page - Texas Instruments SN7407NSRE4 Datasheet HTML 4Page - Texas Instruments SN7407NSRE4 Datasheet HTML 5Page - Texas Instruments SN7407NSRE4 Datasheet HTML 6Page - Texas Instruments SN7407NSRE4 Datasheet HTML 7Page - Texas Instruments SN7407NSRE4 Datasheet HTML 8Page - Texas Instruments SN7407NSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
A
Y
Copyright © 2016,
Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN5407, SN5417, SN7407, SN7417
SDLS032H – DECEMBER 1983 – REVISED SEPTEMBER 2016
SNx407 and SNx417 Hex Buffers and Drivers With Open-Collector High-Voltage Outputs
1
1 Features
1
Convert TTL Voltage Levels to MOS Levels
High Sink-Current Capability Design
Open-Collector Driver for Indicator Lamps
Inputs Fully Compatible With Most TTL Circuits
On Products Compliant to MIL-PRF-38535,
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
of All Parameters.
2 Applications
Audio Docks: Portable
Blu-ray Disc® Players and Home Theaters
MP3 Players or Recorders
Personal Digital Assistants (PDAs)
Power: Telecom and Server AC or DC Supply:
Single Controllers: Analog and Digital
Solid-State Drive (SSD): Client and Enterprise
TV: LCD, Digital, and High-Definition (HDTV)
Tablets: Enterprise
Video Analytics: Servers
Wireless Headsets, Keyboards, and Mice
3 Description
These TTL hex buffers and drivers feature high-
voltage open-collector outputs for interfacing with
high-level circuits (such as MOS) or for driving high-
current loads (such as lamps or relays), and also are
characterized for use as buffers for driving TTL
inputs. The SN5407 and SN7407 devices have
minimum breakdown voltages of 30 V, and the
SN5417
and
SN7417
devices
have
minimum
breakdown voltages of 15 V. The maximum sink
current is 30 mA for the SN5407 and SN5417 devices
and 40 mA for the SN7407 and SN7417 devices.
These devices perform the Boolean function Y = A in
positive logic.
These circuits are completely compatible with most
TTL families. Inputs are diode clamped to minimize
transmission-line effects, which simplifies design.
Typical power dissipation is 145 mW, and average
propagation delay time is 14 ns.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SNx407J,
SNx417J
CDIP (14)
19.56 mm × 6.92 mm
SN74x7D
SOIC (14)
8.65 mm × 3.91 mm
SN74x7N
PDIP (14)
19.30 mm × 6.35 mm
SNJ5407FK
LCCC (20)
8.89 mm × 8.89 mm
SNJ5407W
CFP (14)
9.21 mm × 5.97 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram, Each Buffer and Driver (Positive Logic)


同様の部品番号 - SN7407NSRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN7407NSRE4 TI-SN7407NSRE4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results

同様の説明 - SN7407NSRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN5407 TI-SN5407 Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_91 Datasheet
52Kb / 4P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_08 Datasheet
513Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417J TI-SN7417J Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
KODENSHI_AUK CORP.
KK7407 KODENSHI-KK7407 Datasheet
195Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DE4 TI-SN7407DE4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Renesas Technology Corp
HD74LS07 RENESAS-HD74LS07 Datasheet
53Kb / 5P
   Hex Buffers / Drivers (With Open Collector High-Voltage Outputs)
logo
Integral Corp.
IN7407 INTEGRAL-IN7407 Datasheet
144Kb / 4P
   Hex Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
IK Semicon Co., Ltd
IN7407 IKSEMICON-IN7407 Datasheet
146Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DG4 TI-SN7407DG4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com