データシートサーチシステム |
|
FM24CL16 データシート(PDF) 10 Page - List of Unclassifed Manufacturers |
|
FM24CL16 データシート(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 13 page FM24CL16 Rev 2.2 July 2003 Page 10 of 13 AC Parameters (TA = -40° C to + 85° C, VDD =2.7V to 3.65V unless otherwise specified) Symbol Parameter Min Max Min Max Min Max Units Notes fSCL SCL Clock Frequency 0 100 0 400 0 1000 kHz 1 tLOW Clock Low Period 4.7 1.3 0.6 µs tHIGH Clock High Period 4.0 0.6 0.4 µs tAA SCL Low to SDA Data Out Valid 3 0.9 0.55 µs tBUF Bus Free Before New Transmission 4.7 1.3 0.5 µs tHD:STA Start Condition Hold Time 4.0 0.6 0.25 µs tSU:STA Start Condition Setup for Repeated Start 4.7 0.6 0.25 µs tHD:DAT Data In Hold Time 0 0 0 ns tSU:DAT Data In Setup Time 250 100 100 ns tR Input Rise Time 1000 300 300 ns 2 tF Input Fall Time 300 300 100 ns 2 tSU:STO Stop Condition Setup 4.0 0.6 0.25 µs tDH Data Output Hold (from SCL @ VIL) 0 0 0 ns tSP Noise Suppression Time Constant on SCL, SDA 50 50 50 ns Notes : All SCL specifications as well as start and stop conditions apply to both read and write operations. 1 The speed-related specifications are guaranteed characteristic points from DC to 1 MHz. 2 This parameter is periodically sampled and not 100% tested. Capacitance (TA = 25° C, f=1.0 MHz, VDD = 3V) Symbol Parameter Max Units Notes CI/O Input/output capacitance (SDA) 8 pF 1 CIN Input capacitance 6 pF 1 Notes 1 This parameter is periodically sampled and not 100% tested. AC Test Conditions Input Pulse Levels 0.1 VDD to 0.9 VDD Input rise and fall times 10 ns Input and output timing levels 0.5 VDD Equivalent AC Load Circuit 3.65V Output 1100 Ω 100 pF |
同様の部品番号 - FM24CL16 |
|
同様の説明 - FM24CL16 |