データシートサーチシステム |
|
FM24CL16-S データシート(PDF) 9 Page - List of Unclassifed Manufacturers |
|
FM24CL16-S データシート(HTML) 9 Page - List of Unclassifed Manufacturers |
9 / 13 page FM24CL16 Rev 2.2 July 2003 Page 9 of 13 Electrical Specifications Absolute Maximum Ratings Symbol Description Ratings VDD Power Supply Voltage with respect to VSS -1.0V to +5.0V VIN Voltage on any pin with respect to VSS -1.0V to +5.0V and VIN < VDD+1.0V TSTG Storage Temperature -55 °C to + 125°C TLEAD Lead temperature (Soldering, 10 seconds) 300 ° C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability. DC Operating Conditions (TA = -40° C to + 85° C, VDD =2.7V to 3.65V unless otherwise specified) Symbol Parameter Min Typ Max Units Notes VDD Main Power Supply 2.7 3.65 V IDD VDD Supply Current @ SCL = 100 kHz @ SCL = 400 kHz @ SCL = 1 MHz 75 150 300 µA µA µA 1 ISB Standby Current 1 µA 2 ILI Input Leakage Current 10 µA 3 ILO Output Leakage Current 10 µA 3 VIH Input High Voltage 0.7 VDD VDD + 0.5 V 4 VIL Input Low Voltage -0.3 0.3 VDD V 4 VOL Output Low Voltage @ IOL = 3.0 mA 0.4 V RIN Address Input Resistance (WP, A2-A0) For VIN = VIL (max) For VIN = VIH (min) 50 1 K Ω M Ω 5 VHYS Input Hysteresis 0.05 VDD V 4 Notes 1. SCL toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V. 2. SCL = SDA = VDD. All inputs VSS or VDD. Stop command issued. 3. VIN or VOUT = VSS to VDD. Does not apply to pins with pull down resistors. 4. This parameter is characterized but not tested. 5. The input pull-down circuit is strong (50K Ω) when the input voltage is below V IL and much weaker (1MΩ) when the input voltage is above VIH. |
同様の部品番号 - FM24CL16-S |
|
同様の説明 - FM24CL16-S |