データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24CL16-G データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 FM24CL16-G
部品情報  16Kb FRAM Serial 3V Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM24CL16-G データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FM24CL16-G Datasheet HTML 4Page - List of Unclassifed Manufacturers FM24CL16-G Datasheet HTML 5Page - List of Unclassifed Manufacturers FM24CL16-G Datasheet HTML 6Page - List of Unclassifed Manufacturers FM24CL16-G Datasheet HTML 7Page - List of Unclassifed Manufacturers FM24CL16-G Datasheet HTML 8Page - List of Unclassifed Manufacturers FM24CL16-G Datasheet HTML 9Page - List of Unclassifed Manufacturers FM24CL16-G Datasheet HTML 10Page - List of Unclassifed Manufacturers FM24CL16-G Datasheet HTML 11Page - List of Unclassifed Manufacturers FM24CL16-G Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FM24CL16
Rev 2.2
July 2003
Page 8 of 13
3.
High noise environments. Writing to EEPROM
in a noisy environment can be challenging. When
severe noise or power fluctuations are present, the
long write time of EEPROM creates a window of
vulnerability during which the write can be corrupted.
The fast write of FRAM is complete within a
microsecond. This time is typically too short for noise
or power fluctuation to disturb it.
4.
Time to market. In a complex system, multiple
software routines may need to access the nonvolatile
memory.
In
this
environment
the
time
delay
associated with programming EEPROM adds undue
complexity to the software development. Each
software routine must wait for complete programming
before allowing access to the next routine. When time
to market is critical, FRAM can eliminate this simple
obstacle. As soon as a write is issued to the
FM24CL16, it is effectively done -- no waiting.
5.
RF/ID. In the area of contactless memory, FRAM
provides an ideal solution. Since RF/ID memory is
powered by an RF field, the long programming time
and high current consumption needed to write
EEPROM is unattractive. FRAM provides a superior
solution. The FM24CL16 is suitable for multi-chip
RF/ID products.
6.
Maintenance tracking. In sophisticated systems,
the operating history and system state during a failure
is
important
knowledge.
Maintenance
can
be
expedited when this information has been recorded.
Due to the high write endurance, FRAM makes an
ideal system log. In addition, the convenient 2-wire
interface of the FM24CL16 allows memory to be
distributed throughout the system using minimal
additional resources.


同様の部品番号 - FM24CL16-G

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24CL16-G RAMTRON-FM24CL16-G Datasheet
107Kb / 13P
   16Kb FRAM Se rial 3V Memory
More results

同様の説明 - FM24CL16-G

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25160 ETC-FM25160 Datasheet
638Kb / 14P
   16Kb FRAM Serial Memory
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
FM24CL16 RAMTRON-FM24CL16_05 Datasheet
107Kb / 13P
   16Kb FRAM Se rial 3V Memory
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com