データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3A226E データシート(PDF) 3 Page - Texas Instruments

部品番号 TS3A226E
部品情報  Autonomous Audio Headset Switch with Reduced GND Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A226E データシート(HTML) 3 Page - Texas Instruments

  TS3A226E Datasheet HTML 1Page - Texas Instruments TS3A226E Datasheet HTML 2Page - Texas Instruments TS3A226E Datasheet HTML 3Page - Texas Instruments TS3A226E Datasheet HTML 4Page - Texas Instruments TS3A226E Datasheet HTML 5Page - Texas Instruments TS3A226E Datasheet HTML 6Page - Texas Instruments TS3A226E Datasheet HTML 7Page - Texas Instruments TS3A226E Datasheet HTML 8Page - Texas Instruments TS3A226E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MICp
SLEEVE
RING2
SW1
SW2
Not Recommended for New Designs
TS3A226E
www.ti.com
SCDS340 – MARCH 2013
S1 MUX DETAIL
Figure 2. S1 Mux Detail
FUNCTIONAL TABLES: INTERNAL SWITCHES
EN
Accessory Type
Accessory Configuration
SW1
SW2
FET1
FET2
0
N/A
High Z
High Z
High Z
High Z
TIP = Audio Left
1
TRS 3-pole Headphone or Speaker
Ring = Audio Right
High Z
High Z
On
On
Sleeve = Ground
TIP = Audio Left
Ring1 = Audio Right
1
TRRS 4-pole Headphone
On
High Z
High Z
On
Ring2 = Ground
Sleeve = Microphone
TIP = Audio Left
Ring1 = Audio Right
1
TRRS 4-pole Headphone
High Z
On
On
High Z
Ring2 = Microphone
Sleeve = Ground
1
N/A
High Z
High Z
High Z
High Z
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Voltage range on VDD(2)
–0.3 to 5
V
VI
Voltage range on EN, MICP, RING2, SLEEVE, TIP (2)
–0.3 to VDD+0.5
V
TA
Operating ambient temperature range(3)
–40 to 85
°C
TJ (MAX)
Maximum operating junction temperature
125
°C
Tstg
Storage temperature range
–65 to 150
°C
Machine model (JESD 22 A115)
100
V
Charge device model (JESD 22 C101)
500
V
ESD rating
Human body model(JESD 22 A114)
2
kV
Contact discharge on RING2, SLEEVE, TIP (IEC 61000-4-2)
8
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature [TA(max)] is dependent on the maximum operating junction temperature [TJ(max)], the
maximum power dissipation of the device in the application [PD(max)], and the junction-to-ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max) = TJ(max) – (θJA × PD(max))
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :TS3A226E


同様の部品番号 - TS3A226E

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A226AE TI-TS3A226AE Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AE TI1-TS3A226AE Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AEYFFR TI-TS3A226AEYFFR Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AEYFFR TI1-TS3A226AEYFFR Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AE TI1-TS3A226AE_14 Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
More results

同様の説明 - TS3A226E

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A226AE TI1-TS3A226AE_14 Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AE TI-TS3A226AE Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E_17 Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A227E TI1-TS3A227E Datasheet
1Mb / 59P
[Old version datasheet]   Autonomous Audio Accessory Detection and Configuration Switch
logo
ON Semiconductor
NL3S325 ONSEMI-NL3S325 Datasheet
167Kb / 7P
   Audio Jack GND/MIC Configuration Switch
June, 2018 ??Rev. 1
FSA850 ONSEMI-FSA850 Datasheet
422Kb / 10P
   Audio 3-Pole / 4-Pole MIC-GND Switch
June 2016 Rev. 1.12
logo
Fairchild Semiconductor
FSA850 FAIRCHILD-FSA850 Datasheet
1Mb / 3P
   Audio 3-Pole / 4-Pole MIC-GND Switch
logo
Reed Relays and Electro...
RM-1318-L RRE-RM-1318-L Datasheet
109Kb / 1P
   Reduced-miniature Reed Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com