データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3USB3200 データシート(PDF) 3 Page - Texas Instruments

部品番号 TS3USB3200
部品情報  USB 2.0 Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3200 データシート(HTML) 3 Page - Texas Instruments

  TS3USB3200_16 Datasheet HTML 1Page - Texas Instruments TS3USB3200_16 Datasheet HTML 2Page - Texas Instruments TS3USB3200_16 Datasheet HTML 3Page - Texas Instruments TS3USB3200_16 Datasheet HTML 4Page - Texas Instruments TS3USB3200_16 Datasheet HTML 5Page - Texas Instruments TS3USB3200_16 Datasheet HTML 6Page - Texas Instruments TS3USB3200_16 Datasheet HTML 7Page - Texas Instruments TS3USB3200_16 Datasheet HTML 8Page - Texas Instruments TS3USB3200_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Not to scale
1
GND
12
ID_USB
2
D+
11
MHL+
3
D–
10
MHL–
4
PSEL
9
SEL2
3
TS3USB3200
www.ti.com
SCDS333B – JUNE 2012 – REVISED JULY 2016
Product Folder Links: TS3USB3200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
RSV Package
16-Pin UQFN
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
GND
Ground
Ground
2
D+
I/O
Data Signal Path (Differential +)
3
D–
I/O
Data Signal Path (Differential –)
4
PSEL
Input
Power Source Select Line
5
SEL1
Input
Control Input Select Line 1
6
USB–
I/O
USB Data Signal Path (Differential –)
7
USB+
I/O
USB Data Signal Path (Differential +)
8
GND
Ground
Ground
9
SEL2
Input
Control Input Select Line 2
10
MHL–
I/O
MHL Data Signal Path (Differential–)
11
MHL+
I/O
MHL Data Signal Path (Differential +)
12
ID_USB
I/O
ID Signal Path for USB
13
ID_MHL
I/O
ID Signal Path for MHL
14
ID_COM
I/O
ID Common Signal Path
15
VBUS
Power
Alternative Device Power
16
VCC
Power
Power supply


同様の部品番号 - TS3USB3200_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3USB3200RSVR TI1-TS3USB3200RSVR Datasheet
2Mb / 21P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
More results

同様の説明 - TS3USB3200_16

メーカー部品番号データシート部品情報
logo
Rosenberger Hochfrequen...
L99-987-800 ROSENBERGER-L99-987-800 Datasheet
880Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MINI USB
logo
Wurth Elektronik GmbH &...
614108247221 WURTH-614108247221 Datasheet
609Kb / 2P
   WR-USB 2.0 HORIZONTAL DUAL-WAY USB 2.0
logo
List of Unclassifed Man...
MC001008 ETC2-MC001008 Datasheet
190Kb / 1P
   USB 2.0 Cable
logo
Glenair, Inc.
963-005 GLENAIR-963-005 Datasheet
204Kb / 1P
   USB 2.0 Cable
logo
Leopard Imaging Inc.
LI-USB20-OV5640-PAR-AF LEOPARD-LI-USB20-OV5640-PAR-AF Datasheet
1Mb / 4P
   USB 2.0 Camera
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
   USB 2.0 A MALE TO USB 2.0 TYPE-B
logo
Leopard Imaging Inc.
LI-OV2640-USB-M7 LEOPARD-LI-OV2640-USB-M7 Datasheet
403Kb / 2P
   USB 2.0 Cameras
logo
Molex Electronics Ltd.
987651-7604 MOLEX-987651-7604 Datasheet
1Mb / 3P
   USB 2.0 Modules
2019.02
logo
Leopard Imaging Inc.
LI-OV5648-USB-AF LEOPARD-LI-OV5648-USB-AF Datasheet
409Kb / 2P
   USB 2.0 Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com