データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A22364-Q1 データシート(PDF) 10 Page - Texas Instruments

部品番号 TS5A22364-Q1
部品情報  0.65- Dual SPDT Analog Switch with Negative Signaling Capability
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22364-Q1 データシート(HTML) 10 Page - Texas Instruments

Back Button TS5A22364-Q1_16 Datasheet HTML 6Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 7Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 8Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 9Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 10Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 11Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 12Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 13Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-200
-100
0
100
200
300
400
500
D011
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
Frequency (Hz)
5x100
6.005x103
1.2005x104
1.8005x104
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
D012
VCC = 2.5 V
VCC = 3.3 V
VCC = 5.5 V
Frequency (Hz)
100000
2.01E+7
4.01E+7
6.01E+7
8.01E+7
1E+8
-120
-95
-70
-45
-20
5
D009
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
Frequency (Hz)
1x105
4.01x107
8.01x107
1.201x108 1.601x108
2x108
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D010
T = -40 C
T = 25 C
T = 125 C
Frequency (Hz)
1x105
4.01x107
8.01x107
1.201x108 1.601x108
2x108
-80
-72
-64
-56
-48
-40
-32
-24
-16
-8
0
D007
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
Frequency (Hz)
1x105
4.01x107
8.01x107
1.201x108 1.601x108
2x108
-80
-72
-64
-56
-48
-40
-32
-24
-16
-8
0
D008
T = -40 C
T = 25 C
T = 125 C
10
TS5A22364-Q1
SCDS361A – OCTOBER 2014 – REVISED JULY 2016
www.ti.com
Product Folder Links: TS5A22364-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Off Isolation vs Frequency for Varying VCC
Figure 8. Off Isolation vs Frequency for Varying
Temperature
Figure 9. Crosstalk vs Frequency for Varying VCC
Figure 10. Crosstalk vs Frequency (VCC = 3.3 V)
Figure 11. Charge Injection vs Voltage VCOM
Figure 12. Total Harmonic Distortion vs Frequency


同様の部品番号 - TS5A22364-Q1_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
More results

同様の説明 - TS5A22364-Q1_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com