データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A23167YZPR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A23167YZPR
部品情報  DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23167YZPR データシート(HTML) 1 Page - Texas Instruments

  TS5A23167YZPR Datasheet HTML 1Page - Texas Instruments TS5A23167YZPR Datasheet HTML 2Page - Texas Instruments TS5A23167YZPR Datasheet HTML 3Page - Texas Instruments TS5A23167YZPR Datasheet HTML 4Page - Texas Instruments TS5A23167YZPR Datasheet HTML 5Page - Texas Instruments TS5A23167YZPR Datasheet HTML 6Page - Texas Instruments TS5A23167YZPR Datasheet HTML 7Page - Texas Instruments TS5A23167YZPR Datasheet HTML 8Page - Texas Instruments TS5A23167YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
SSOP OR VSSOP PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NC1
COM1
IN2
GND
COM2
IN1
V+
NC2
YZP PACKAGE
(BOTTOM VIEW)
GND
IN1
COM2
V+
2
3
4
8
7
5
6
IN2
COM1
NC1
NC2
1
TS5A23167
www.ti.com
SCDS195A – MAY 2005 – REVISED SEPTEMBER 2012
0.9-
Ω DUAL SPST ANALOG SWITCH
5-V/3.3-V 2-CHANNEL ANALOG SWITCH
Check for Samples: TS5A23167
1
FEATURES
APPLICATIONS
Isolation in Powered-Off Mode, V+ = 0
Cell Phones
Low ON-State Resistance (0.9
Ω)
PDAs
Control Inputs Are 5.5-V Tolerant
Portable Instrumentation
Low Charge Injection
Audio and Video Signal Routing
Low Total Harmonic Distortion (THD)
Low-Voltage Data Acquisition Systems
1.65-V to 5.5-V Single-Supply Operation
Communication Circuits
Latch-Up Performance Exceeds 100 mA Per
Modems
JESD 78, Class II
Hard Drives
ESD Performance Tested Per JESD 22
Computer Peripherals
2000-V Human-Body Model(A114-B, Class
Wireless Terminals and Peripherals
II)
1000-V Charged-Device Model (C101)
DESCRIPTION/ORDERING INFORMATION
The TS5A23167 is a dual single-pole single-throw (SPST) analog switch that is designed to operate from 1.65 V
to 5.5 V. The device offers a low ON-state resistance. The device has excellent total harmonic distortion (THD)
performance and consumes very low power. These features make this device suitable for portable audio
applications.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
Tape and reel
TS5A23167YZPR
J87
(Pb-free)
–40°C to 85°C
SSOP – DCT
Tape and reel
TS5A23167DCTR
JAP_
VSSOP – DCU (Pb-free)
Tape and reel
TS5A23167DCUR
JAP_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The acutal top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TS5A23167YZPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A23167YZPR TI-TS5A23167YZPR Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

同様の説明 - TS5A23167YZPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A23166 TI1-TS5A23166_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
   DUAL SPST ANALOG SWITCH
logo
Texas Instruments
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Intersil Corporation
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
   Dual SPST CMOS Analog Switch
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
TS5A2066 TI-TS5A2066 Datasheet
347Kb / 24P
[Old version datasheet]   DUAL-CHANNEL 10-W SPST ANALOG SWITCH
logo
Renesas Technology Corp
DG211 RENESAS-DG211 Datasheet
551Kb / 8P
   SPST 4-Channel Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com