データシートサーチシステム |
|
P-3000S-501A-10 データシート(PDF) 1 Page - Copal Electronics |
|
P-3000S-501A-10 データシート(HTML) 1 Page - Copal Electronics |
1 / 3 page ■ FEATURES Part name Material Housing Iron/Nickel alloy + Nickel-plated PBT (Polybutyleneterephthalate) Silicone gel Silicone Ceramic Copper + solder-plated Pressure port Sensor chip Resin compound Resistor board for temp. compensat ion Terminal pin 1 2 3 4 5 6 INTERNAL STRUCTURE (Gauge type) O For non-corrosive gases O Built-in temp. compensation function (0 ~ 50 °C) O Three pressure reference to choose from (Gauge, Differential and Absolute pressure) O Compact and light weight O PC board mountable ■ MODEL NUMBER DESIGNATION ■ LIST OF MODEL NUMBERS P-3000S - 501 G - 02 Series name Rated pressure range 500 :0 ~ 4.9 kPa {0 ~ 0.05 kgf/cm2} 101 :0 ~ 9.81 kPa {0 ~ 0.1 kgf/cm2} 351 :0 ~ 34.3 kPa {0 ~ 0.35 kgf/cm2} 501 :0 ~ 49.0 kPa {0 ~ 0.5 kgf/cm2} 102 :0 ~ 98.1 kPa {0 ~ 1 kgf/cm2} 502 :0 ~ 490 kPa {0 ~ 5.0 kgf/cm2} 702 :0 ~ 686 kPa {0 ~ 7.0 kgf/cm2} Thermal error 02 : ± 0.02 % F.S./°C 10 : ± 0.10 % F.S./°C 04 : ± 0.04 % F.S./°C Pressure reference G :Gauge D :Differential A :Absolute Pressure reference Gauge 0 ~ 4.9 {0 ~ 0.05} P-3000S -101G-04 P-3000S -500G-04 P-3000S -101G-10 0 ~ 9.81 {0 ~ 0.1} P-3000S -501G-02 P-3000S -501G-04 P-3000S -501G-10 0 ~ 49.0 {0 ~ 0.5} 0 ~ 98.1 {0 ~ 1} 0 ~ 490 {0 ~ 5.0} 0 ~ 686 {0 ~ 7.0} P-3000S -102G-02 P-3000S -501D-02 P-3000S -102D-02 P-3000S -102D-04 P-3000S -102D-10 P-3000S -351A-04 P-3000S -351A-10 P-3000S -102A-04 P-3000S -102A-10 P-3000S -501D-04 P-3000S -501D-10 P-3000S -102G-04 P-3000S -502G-04 P-3000S -702G-04 P-3000S -101D-04 P-3000S -101D-10 P-3000S -102G-10 0 ~ ± 9.81 {0 ~ ± 0.1} 0 ~ ± 49.0 {0 ~ ± 0.5} 0 ~ ± 98.1 {0 ~ ± 1} 0 ~ 34.3 {0 ~ 0.35} 0 ~ 98.1 {0 ~ 1} Differential Absolute kPa {kgf/cm2} Rated pressure range ± 0.02 % F.S./°C ± 0.04 % F.S./°C ± 0.1 % F.S./°C PRESSURE TRANSDUCERS P-3000S Thermal error :Not available ※Verify the above model numbers when placing orders. 1 4 3 6 5 2 |
同様の部品番号 - P-3000S-501A-10 |
|
同様の説明 - P-3000S-501A-10 |