データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM211DR2G データシート(PDF) 2 Page - ON Semiconductor

部品番号 LM211DR2G
部品情報  Single Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM211DR2G データシート(HTML) 2 Page - ON Semiconductor

  LM211DR2G Datasheet HTML 1Page - ON Semiconductor LM211DR2G Datasheet HTML 2Page - ON Semiconductor LM211DR2G Datasheet HTML 3Page - ON Semiconductor LM211DR2G Datasheet HTML 4Page - ON Semiconductor LM211DR2G Datasheet HTML 5Page - ON Semiconductor LM211DR2G Datasheet HTML 6Page - ON Semiconductor LM211DR2G Datasheet HTML 7Page - ON Semiconductor LM211DR2G Datasheet HTML 8Page - ON Semiconductor LM211DR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LM211, LM311
http://onsemi.com
2
ORDERING INFORMATION
Device
Package
Shipping
LM211DG
SOIC−8
(Pb−Free)
98 Units / Rail
LM211DR2G
2500 Units / Tape & Reel
LM311DG
98 Units / Rail
LM311DR2G
2500 Units / Tape & Reel
LM311NG
PDIP−8
(Pb−Free)
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
LM211
LM311
Unit
Total Supply Voltage
VCC +⎥VEE
36
36
Vdc
Output to Negative Supply Voltage
VO −VEE
50
40
Vdc
Ground to Negative Supply Voltage
VEE
30
30
Vdc
Input Differential Voltage
VID
±30
±30
Vdc
Input Voltage (Note 2)
Vin
±15
±15
Vdc
Voltage at Strobe Pin
VCC to VCC−5
VCC to VCC−5
Vdc
Power Dissipation and Thermal Characteristics
Plastic DIP
PD
625
mW
Derate Above TA = +25°C
RqJA
5.0
mW/°C
Operating Ambient Temperature Range
TA
−25 to +85
0 to +70
°C
Operating Junction Temperature
TJ(max)
+150
+150
°C
Storage Temperature Range
Tstg
−65 to +150
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


同様の部品番号 - LM211DR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM211DR2G ONSEMI-LM211DR2G Datasheet
121Kb / 10P
   Single Comparators
July, 2005 ??Rev. 5
More results

同様の説明 - LM211DR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM211 ONSEMI-LM211_05 Datasheet
121Kb / 10P
   Single Comparators
July, 2005 ??Rev. 5
logo
Texas Instruments
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com