データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM324DR2G データシート(PDF) 11 Page - ON Semiconductor

部品番号 LM324DR2G
部品情報  Single Supply Quad Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM324DR2G データシート(HTML) 11 Page - ON Semiconductor

Back Button LM324DR2G Datasheet HTML 6Page - ON Semiconductor LM324DR2G Datasheet HTML 7Page - ON Semiconductor LM324DR2G Datasheet HTML 8Page - ON Semiconductor LM324DR2G Datasheet HTML 9Page - ON Semiconductor LM324DR2G Datasheet HTML 10Page - ON Semiconductor LM324DR2G Datasheet HTML 11Page - ON Semiconductor LM324DR2G Datasheet HTML 12Page - ON Semiconductor LM324DR2G Datasheet HTML 13Page - ON Semiconductor LM324DR2G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LM324, LM324A, LM324E, LM224, LM2902, LM2902E, LM2902V, NCV2902
www.onsemi.com
11
MARKING DIAGRAMS
x
= 2 or 3
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
PDIP−14
N SUFFIX
CASE 646
SOIC−14
D SUFFIX
CASE 751A
1
14
LM324AN
AWLYYWWG
1
14
LMx24N
AWLYYWWG
1
14
LM2902N
AWLYYWWG
1
14
LM2902VN
AWLYYWWG
*This marking diagram also applies to NCV2902.
TSSOP−14
DTB SUFFIX
CASE 948G
1
14
x24
ALYW
G
G
1
14
1
14
1
14
*
324A
ALYW
G
G
2902
ALYW
G
G
2902
V
ALYW
G
G
LM324ADG
AWLYWW
1
14
LMx24DG
AWLYWW
1
14
LM2902DG
AWLYWW
1
14
LM2902VDG
AWLYWW
1
14
(Note: Microdot may be in either location)
LMx24EG
AWLYWW
1
14
LM2902EG
AWLYWW
1
14


同様の部品番号 - LM324DR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM324DR2G ONSEMI-LM324DR2G Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
More results

同様の説明 - LM324DR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com