データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC3302PG データシート(PDF) 8 Page - ON Semiconductor

部品番号 MC3302PG
部品情報  Single Supply Quad Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3302PG データシート(HTML) 8 Page - ON Semiconductor

Back Button MC3302PG Datasheet HTML 3Page - ON Semiconductor MC3302PG Datasheet HTML 4Page - ON Semiconductor MC3302PG Datasheet HTML 5Page - ON Semiconductor MC3302PG Datasheet HTML 6Page - ON Semiconductor MC3302PG Datasheet HTML 7Page - ON Semiconductor MC3302PG Datasheet HTML 8Page - ON Semiconductor MC3302PG Datasheet HTML 9Page - ON Semiconductor MC3302PG Datasheet HTML 10Page - ON Semiconductor MC3302PG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LM339, LM339E, LM239, LM2901, LM2901E, LM2901V, NCV2901, MC3302
www.onsemi.com
8
SOIC−14
D SUFFIX
CASE 751A
PDIP−14
N, P SUFFIX
CASE 646
MARKING DIAGRAMS
*
*This marking diagram also applies to NCV2901.
239
ALYW
G
G
TSSOP−14
DTB SUFFIX
CASE 948G
339
ALYW
G
G
2901
ALYW
G
G
2901
V
ALYW
G
G
3302
ALYW
G
G
1
14
LM339DG
AWLYWW
1
14
LM239DG
AWLYWW
1
14
LM2901DG
AWLYWW
1
14
LM2901VDG
AWLYWW
1
14
MC3302DG
AWLYWW
1
14
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or
G = Pb−Free Package
LM339N
AWLYYWWG
LM239N
AWLYYWWG
LM2901N
AWLYYWWG
LM2901VN
AWLYYWWG
MC3302P
AWLYYWWG
1
14
1
14
14
14
14
14
1
1
1
1
14
1
14
1
14
1
14
(Note: Microdot may be in either location)
*
LM339EG
AWLYWW
1
14
LM2901EG
AWLYWW
1
14


同様の部品番号 - MC3302PG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC3302PG ONSEMI-MC3302PG Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
More results

同様の説明 - MC3302PG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
NCV2901DTBR2G ONSEMI-NCV2901DTBR2G Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
   QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com