データシートサーチシステム |
|
BA3472RFVM-TR データシート(PDF) 7 Page - Rohm |
|
BA3472RFVM-TR データシート(HTML) 7 Page - Rohm |
7 / 40 page Datasheet www.rohm.com TSZ02201-0RAR0G200100-1-2 © 2012 ROHM Co., Ltd. All rights reserved. 7/36 11.Jul.2014 Rev.004 TSZ22111・15・001 BA3472xxx BA3472RFVM BA3474xxx BA3474RFV ○BA3474 (Unless otherwise specified VCC=+15V, VEE=-15V, Ta=25℃) Parameter Symbol Limits Unit Condition Min Typ Max Input Offset Voltage *23 Vio - 1 10 mV Vicm=0V, VOUT=0V - 1 10 VCC=5V, VEE=0V, Vicm=0V VOUT=VCC/2 Input Offset Current *23 Iio - 6 75 nA Vicm=0V, VOUT=0V Input Bias Current *23 Ib - 100 500 nA Vicm=0V, VOUT=0V Supply Current ICC - 8 11 mA RL=∞ Maximum Output Voltage(High) VOH 3.7 4 - V VCC=5V, RL=2k Ω 13.7 14 - RL=10k Ω 13.5 - - RL=2k Ω Maximum Output Voltage(Low) VOL - 0.1 0.3 V VCC=5V, RL=2k Ω - -14.7 -14.3 RL=10k Ω - - -13.5 RL=2k Ω Large Signal Voltage Gain Av 80 100 - dB RL≧2k Ω, VOUT=±10 V Input Common-mode Voltage Range Vicm 0 - VCC-2.0 V VCC=5V, VEE=0V, VOUT=VCC/2 Common-mode Rejection Ratio CMRR 60 97 - dB Vicm=0V, VOUT=0V Power Supply Rejection Ratio PSRR 60 97 - dB Vicm=0V, VOUT=0V Output Source Current *24 Isource 10 30 - mA VCC=5V, VIN+=1V VIN-=0V, VOUT=0V Only 1ch is short circuit Output Sink Current *24 Isink 20 30 - mA VCC=5V, VIN+=0V VIN-=1V, VOUT=5V Only 1ch is short circuit Unity Gain Frequency fT - 4 - MHz - Gain Bandwidth GBW - 4 - MHz f=100kHz open loop Slew Rate SR - 10 - V/ μs Av=1, Vin=-10 to +10V, RL=2kΩ Channel Separation CS - 120 - dB f=1kHz, input referred *23 Absolute value *24 Under high temperatures, please consider the power dissipation when selecting the output current. When the output terminal is continuously shorted the output current reduces the internal temperature by flushing. |
同様の部品番号 - BA3472RFVM-TR |
|
同様の説明 - BA3472RFVM-TR |