データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM324FJ-E2 データシート(PDF) 1 Page - Rohm

部品番号 LM324FJ-E2
部品情報  Ground Sense Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

LM324FJ-E2 データシート(HTML) 1 Page - Rohm

  LM324FJ-E2 Datasheet HTML 1Page - Rohm LM324FJ-E2 Datasheet HTML 2Page - Rohm LM324FJ-E2 Datasheet HTML 3Page - Rohm LM324FJ-E2 Datasheet HTML 4Page - Rohm LM324FJ-E2 Datasheet HTML 5Page - Rohm LM324FJ-E2 Datasheet HTML 6Page - Rohm LM324FJ-E2 Datasheet HTML 7Page - Rohm LM324FJ-E2 Datasheet HTML 8Page - Rohm LM324FJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
www.rohm.com
TSZ02201-0GMG0G200190-1-2
©2015 ROHM Co., Ltd. All rights reserved.
1/44
01.Aug.2016 Rev.005
TSZ22111・14・001
Operational Amplifiers
Ground Sense Operational Amplifiers
LM358xxx
LM324xxx
LM2904xxx
LM2902xxx
General Description
LM358xxx and LM2904xxx series are dual ground
sense
operational
amplifiers.
LM324xxx
and
LM2902xxx series are quad. These have features of
low current consumption and wide operating voltage
range from 3V to 32V (single power supply).
Features
Operable with a Single Power Supply
Wide Operating Supply Voltage Range
Input/output Ground Sense
High Large Signal Voltage Gain
Applications
Current Sense Application
Buffer Application Amplifier
Active Filter
Consumer Electronics
Key Specifications
Operating Supply Voltage (Single Supply):
3.0V to 32.0V
Operating Temperature Range:
LM358xxx:
-40°C to +85°C
LM324xxx:
-40°C to +85°C
LM2904xxx:
-40°C to +125°C
LM2902xxx:
-40°C to +125°C
Input Offset Voltage:
4.5mV (Max)
Input Bias Current:
20nA (Typ)
Packages
W(Typ) x D(Typ) x H(Max)
SOP8
5.00mm x 6.20mm x 1.71mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
TSSOP-B8J
3.00mm x 4.90mm x 1.10mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SOP14
8.70mm x 6.20mm x 1.71mm
SOP-J14
8.65mm x 6.00mm x 1.65mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
TSSOP-B14J
5.00mm x 6.40mm x 1.20mm
Pin Configuration
LM358F, LM2904F
: SOP8
LM358FJ, LM2904FJ
: SOP-J8
LM358FV, LM2904FV
: SSOP-B8
LM358FVT, LM2904FVT
: TSSOP-B8
LM358FVJ, LM2904FVJ
: TSSOP-B8J
LM358FVM, LM2904FVM : MSOP8
Pin No.
Pin Name
1
OUT1
2
-IN1
3
+IN1
4
VEE
5
+IN2
6
-IN2
7
OUT2
8
VCC
+
CH2
-
+
CH1
-
+
1
2
3
4
8
7
6
5
VEE
OUT1
-IN1
+IN1
OUT2
VCC
+IN2
-IN2
Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays.
Datasheet


同様の部品番号 - LM324FJ-E2

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
LM324F PHILIPS-LM324F Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
More results

同様の説明 - LM324FJ-E2

メーカー部品番号データシート部品情報
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com