データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W-52 データシート(PDF) 9 Page - Copal Electronics

部品番号 W-52
部品情報  CMOS White LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-52 データシート(HTML) 9 Page - Copal Electronics

Back Button W-52 Datasheet HTML 3Page - Copal Electronics W-52 Datasheet HTML 4Page - Copal Electronics W-52 Datasheet HTML 5Page - Copal Electronics W-52 Datasheet HTML 6Page - Copal Electronics W-52 Datasheet HTML 7Page - Copal Electronics W-52 Datasheet HTML 8Page - Copal Electronics W-52 Datasheet HTML 9Page - Copal Electronics W-52 Datasheet HTML 10Page - Copal Electronics W-52 Datasheet HTML 11Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
W-52
9
TYPICAL APPLICATION CIRCUITS
(The application diagrams below are shown for the TSOT 23 packages.)
Figure 16. Two LEDs with DC Level Dimming Control
2.5 V DC
DIMMING
CONTROL
15 mA
4
1.50 k
60.40 k
6.8 H
2
3
1
6
5
SW
VIN
RSET
D1
C2
2.2 F
C1
4.7 F
VIN
W-52
LED
GND
2.5 V DC
DIMMING
CONTROL
15 mA
4
1.50 k
60.40 k
6.8 H
2
3
1
6
5
SW
VIN
RSET
D1
C2
1 F
C1
4.7 F
VIN
W-52
LED
GND
Figure 17. Three LEDs with DC Level Dimming Control
15 mA
4
1.50 k
6.8 H
2
3
1
6
5
SW
VIN
RSET
D1
C2
1 F
C1
4.7 F
VIN
PWM
DIMMING
CONTROL
W-52
LED
GND
Figure 18. Efficiency
Three LEDs
LED CURRENT (mA)
20
15
10
5
0
60
65
70
75
80
85
LED CURRENT (mA)
Figure 19. Four LEDs with PWM Dimming Control
Figure 20. Efficiency
Four LEDs
SHDN
L1
RSET
VIN = 4.2 V
VIN = 3.0 V
20
15
10
5
0
60
65
70
75
80
85
VIN = 4.2 V
VIN = 3.0 V
L1
SHDN
RSET
SHDN
RSET
L1


同様の部品番号 - W-52

メーカー部品番号データシート部品情報
logo
Copal Electronics
W-5200-5 COPAL-W-5200-5 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200TDI-G3 COPAL-W-5200TDI-G3 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200TDI-GT COPAL-W-5200TDI-GT Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200ZI-G3 COPAL-W-5200ZI-G3 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200ZI-GT COPAL-W-5200ZI-GT Datasheet
227Kb / 11P
   Low Noise Regulated
More results

同様の説明 - W-52

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
   CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32_08 Datasheet
296Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
473Kb / 13P
   CMOS White LED Driver
Doc. No. MD-5005 Rev. V
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com