データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W-6139 データシート(PDF) 9 Page - Copal Electronics

部品番号 W-6139
部品情報  22 V High Current Boost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-6139 データシート(HTML) 9 Page - Copal Electronics

Back Button W-6139 Datasheet HTML 5Page - Copal Electronics W-6139 Datasheet HTML 6Page - Copal Electronics W-6139 Datasheet HTML 7Page - Copal Electronics W-6139 Datasheet HTML 8Page - Copal Electronics W-6139 Datasheet HTML 9Page - Copal Electronics W-6139 Datasheet HTML 10Page - Copal Electronics W-6139 Datasheet HTML 11Page - Copal Electronics W-6139 Datasheet HTML 12Page - Copal Electronics W-6139 Datasheet HTML 13Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
W-6139
9
Open LED Protection
In the event of an “Open LED” fault condition, the
W-6139 will continue to boost the output voltage with
maximum power until the output voltage reaches
approximately 24 V. Once the output exceeds this level, the
internal circuitry immediately places the device into a very
low power mode where the total input power is limited to
about 6 mW (about 1.6 mA input current with a 3.6 V
supply). The SW pin clamps at a voltage below its maximum
rating of 40 V. There is no need to use an external zener diode
between VOUT and the FB pin. A 35 V rated C2 capacitor
is required to prevent any overvoltage damage in the open
LED condition.
Figure 18. Open LED Protection Circuit
VIN
W-6139
L
Schottky 40 V
(Central CMSH05 4)
D
4.7 F
C1
1 F
C2
R1
15
FB
SW
GND
ON
22 H
OFF
VIN
VOUT
SHDN
Figure 19. Open LED Disconnect and Reconnect
Figure 20. Open LED Disconnect
e
g
a
t
l
o
V
t
u
p
t
u
O
D
E
L
n
e
p
O
.
2
2
e
r
u
g
i
F
t
n
e
r
r
u
C
y
l
p
p
u
S
D
E
L
n
e
p
O
.
1
2
e
r
u
g
i
F
)
V
(
E
G
A
T
L
O
V
T
U
P
N
I
)
V
(
E
G
A
T
L
O
V
T
U
P
N
I
5.5
5.0
4.5
4.0
3.5
3.0
1.0
1.5
2.0
2.5
5.5
5.0
4.5
4.0
3.5
3.0
15
20
25
30
35


同様の部品番号 - W-6139

メーカー部品番号データシート部品情報
logo
Copal Electronics
W-6137 COPAL-W-6137 Datasheet
182Kb / 16P
   CMOS Boost Converter
W-6137TD-G3 COPAL-W-6137TD-G3 Datasheet
182Kb / 16P
   CMOS Boost Converter
W-6137TD-GT COPAL-W-6137TD-GT Datasheet
182Kb / 16P
   CMOS Boost Converter
More results

同様の説明 - W-6139

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT4139 ONSEMI-CAT4139 Datasheet
186Kb / 13P
   22 V High Current Boost White LED Driver
February, 2010 ??Rev. 1
logo
Micro Linear Corporatio...
ML4871 MICRO-LINEAR-ML4871 Datasheet
237Kb / 9P
   High Current Boost Regulator
ML4771 MICRO-LINEAR-ML4771 Datasheet
190Kb / 8P
   High Current Boost Regulator
logo
Microsemi Corporation
LX1732 MICROSEMI-LX1732 Datasheet
322Kb / 12P
   High Current PFM Boost Converter
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
[Old version datasheet]   High Current-Boost WLED Driver
logo
Micro Linear Corporatio...
ML4865 MICRO-LINEAR-ML4865 Datasheet
234Kb / 10P
   High Voltage High Current Boost Regulator
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
   High Voltage High Current Boost Regulator
logo
Skyworks Solutions Inc.
AAT1218 SKYWORKS-AAT1218 Datasheet
2Mb / 15P
   High Current, 1.2MHz Synchronous Boost Converterr
logo
Micro Linear Corporatio...
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
   High Current Boost Regulator with Shutdown
logo
Texas Instruments
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com