データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W-6139 データシート(PDF) 10 Page - Copal Electronics

部品番号 W-6139
部品情報  22 V High Current Boost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-6139 データシート(HTML) 10 Page - Copal Electronics

Back Button W-6139 Datasheet HTML 5Page - Copal Electronics W-6139 Datasheet HTML 6Page - Copal Electronics W-6139 Datasheet HTML 7Page - Copal Electronics W-6139 Datasheet HTML 8Page - Copal Electronics W-6139 Datasheet HTML 9Page - Copal Electronics W-6139 Datasheet HTML 10Page - Copal Electronics W-6139 Datasheet HTML 11Page - Copal Electronics W-6139 Datasheet HTML 12Page - Copal Electronics W-6139 Datasheet HTML 13Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
W-6139
10
Dimming Control
There are several methods available to control the LED
brightness.
PWM Signal on the SHDN Pin
LED brightness dimming can be done by applying a PWM
signal to the SHDN input. The LED current is repetitively
turned on and off, so that the average current is proportional
to the duty cycle. A 100% duty cycle, with SHDN always
high, corresponds to the LEDs at nominal current. Figure 23
shows a 1 kHz signal with a 50% duty cycle applied to the
SHDN pin. The recommended PWM frequency range is from
100 Hz to 2 kHz.
Figure 23. Switching Waveform with 1 kHz
PWM on SHDN
Filtered PWM Signal
A filtered PWM signal used as a variable DC voltage can
control the LED current. Figure 24 shows the PWM control
circuitry connected to the W-6139 FB pin. The PWM
signal has a voltage swing of 0 V to 2.5 V. The LED current
can be dimmed within a range from 0 mA to 20 mA. The
PWM signal frequency can vary from very low frequency
and up to 100 kHz.
Figure 24. Circuit for Filtered PWM Signal
VIN
SW
W-6139
0V
2.5 V
R1
15
R2
1 k
3.1 k
3.73 k
C3
0.22 F
LED
Current
PWM
Signal
FB
GND
RA
SHDN
VIN
RB
VFB = 300 mV
A PWM signal at 0 V DC, or a 0% duty cycle, results in
a max LED current of about 22 mA. A PWM signal with a
93% duty cycle or more, results in an LED current of 0 mA.
Figure 25. Filtered PWM Dimming (0 V to 2.5 V)
25
20
15
10
5
0
0
102030
4050
60
70
8090 100
PWM DUTY CYCLE (%)


同様の部品番号 - W-6139

メーカー部品番号データシート部品情報
logo
Copal Electronics
W-6137 COPAL-W-6137 Datasheet
182Kb / 16P
   CMOS Boost Converter
W-6137TD-G3 COPAL-W-6137TD-G3 Datasheet
182Kb / 16P
   CMOS Boost Converter
W-6137TD-GT COPAL-W-6137TD-GT Datasheet
182Kb / 16P
   CMOS Boost Converter
More results

同様の説明 - W-6139

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT4139 ONSEMI-CAT4139 Datasheet
186Kb / 13P
   22 V High Current Boost White LED Driver
February, 2010 ??Rev. 1
logo
Micro Linear Corporatio...
ML4871 MICRO-LINEAR-ML4871 Datasheet
237Kb / 9P
   High Current Boost Regulator
ML4771 MICRO-LINEAR-ML4771 Datasheet
190Kb / 8P
   High Current Boost Regulator
logo
Microsemi Corporation
LX1732 MICROSEMI-LX1732 Datasheet
322Kb / 12P
   High Current PFM Boost Converter
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
[Old version datasheet]   High Current-Boost WLED Driver
logo
Micro Linear Corporatio...
ML4865 MICRO-LINEAR-ML4865 Datasheet
234Kb / 10P
   High Voltage High Current Boost Regulator
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
   High Voltage High Current Boost Regulator
logo
Skyworks Solutions Inc.
AAT1218 SKYWORKS-AAT1218 Datasheet
2Mb / 15P
   High Current, 1.2MHz Synchronous Boost Converterr
logo
Micro Linear Corporatio...
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
   High Current Boost Regulator with Shutdown
logo
Texas Instruments
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com