データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M-AT-2LR データシート(PDF) 3 Page - Hirose Electric

部品番号 M-AT-2LR
部品情報  High reliability rotary attenuator for adjusting the signal level in variety of high frequency devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HIROSE [Hirose Electric]
ホームページ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

M-AT-2LR データシート(HTML) 3 Page - Hirose Electric

  M-AT-2LR Datasheet HTML 1Page - Hirose Electric M-AT-2LR Datasheet HTML 2Page - Hirose Electric M-AT-2LR Datasheet HTML 3Page - Hirose Electric M-AT-2LR Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
sRotary Attenuators
q Nut *
q Flat washer *
q Knob *
R6.5±0.1
Ø2.5±0.1
Outline of the attenuator
15
50.4
30.4
20
8
22.8
11.6
6.8
M7∞0.75
1.5
R6.5
Ø2
11
2
0.5
Ø7.1
M7∞0.75
A
M3
P=0.5
Ø14
White line
BRecommended panel cutout
Nut
Flat washer
Panel thickness: 2.0mm to 4.5 mm
Supplied separately (1bag contains 1 pcs.)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


同様の部品番号 - M-AT-2LR

メーカー部品番号データシート部品情報
logo
Hirose Electric
M-A-JJ HIROSE-M-A-JJ Datasheet
292Kb / 5P
   RFCO-AXIAL CONNECTORS
logo
Cooper Bussmann, Inc.
M-AAO10 COOPER-M-AAO10 Datasheet
217Kb / 2P
   6 Reasons To Order Our Exciting New Cooper Bussmann Packaging
M-AAO10 COOPER-M-AAO10 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
M-AAO16 COOPER-M-AAO16 Datasheet
217Kb / 2P
   6 Reasons To Order Our Exciting New Cooper Bussmann Packaging
M-AAO16 COOPER-M-AAO16 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

同様の説明 - M-AT-2LR

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
EPM-PS1 ETC2-EPM-PS1 Datasheet
450Kb / 22P
   The EPM-PS1 is a DC switching power supply designed for high reliability in a wide variety of applications.
logo
NXP Semiconductors
NE56610 PHILIPS-NE56610 Datasheet
124Kb / 9P
   Family of devices designed to generate a reset signal for a variety of microprocessor and logic systems
February 23, 2001
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
PETERMANN-TECHNIK
OCXO-50 PETERMANN-OCXO-50 Datasheet
25Kb / 2P
   HIGH RELIABILITY FOR LOW COST FREQUENCY RANGE OF 1.0 ~ 160.0 MHz
logo
Panasonic Battery Group
BR2330-GUN PANASONICBATTERY-BR2330-GUN Datasheet
104Kb / 4P
   Coin type lithium batteries are high energy, high reliability batteries for a variety of applications. The full 3 volts in these high energy density batteries is about twice that of conventional dry batteries.
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
logo
Dynex Semiconductor
AN5948 DYNEX-AN5948 Datasheet
833Kb / 11P
   Reliability of High Power
logo
Rochester Electronics
HA9P-2625-9 ROCHESTER-HA9P-2625-9 Datasheet
598Kb / 1P
   HIGH PERFORMANCE OP AMP useful in a variety of applications Operational Amplifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com