データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX1102A データシート(PDF) 4 Page - Keysight Technologies

部品番号 CX1102A
部品情報  Device Current Waveform Analyzer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

CX1102A データシート(HTML) 4 Page - Keysight Technologies

  CX1102A Datasheet HTML 1Page - Keysight Technologies CX1102A Datasheet HTML 2Page - Keysight Technologies CX1102A Datasheet HTML 3Page - Keysight Technologies CX1102A Datasheet HTML 4Page - Keysight Technologies CX1102A Datasheet HTML 5Page - Keysight Technologies CX1102A Datasheet HTML 6Page - Keysight Technologies CX1102A Datasheet HTML 7Page - Keysight Technologies CX1102A Datasheet HTML 8Page - Keysight Technologies CX1102A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
04 | Keysight | CX3300 Series Device Current Waveform Analyzer - Data Sheet
The new Device Current Waveform Analyzers precisely
visualize never before seen wideband low-level current
waveforms
The 14 and 16-bit wide dynamic range enables you to visualize
current waveforms, including sleep and active states, with just a single
measurement.
A current measurement always requires a wide dynamic range, especially for the low
power device applications consisting of sleep and active states. The CX3300’s dedicated
current sensors enable up to 5-decade dynamic range measurements at one time and to
easily measure the power and current profiles.
Figure 3. Wide dynamic range measurement example: 40 mA and 10 μA current
waveform measurements at the same time.
Figure 4. Very-low current measurement example: 200 pA peak-to-peak current waveform.
You can measure low-level current waveform from 100 pA level using the
low noise current sensing technology.
The high-frequency noise suppressed sensing technology enables you to measure
current waveform from 100 pA level. The CX3300’s superior low noise capability helps
you achieve results that have never previously been obtainable with existing instruments.
200 pA
40 mA
10 µA
Zoom in this area


同様の部品番号 - CX1102A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results

同様の説明 - CX1102A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
CX1202A KEYSIGHT-CX1202A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1203A KEYSIGHT-CX1203A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX3322A KEYSIGHT-CX3322A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1152A KEYSIGHT-CX1152A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1151A KEYSIGHT-CX1151A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1201A KEYSIGHT-CX1201A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1204A KEYSIGHT-CX1204A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1205A KEYSIGHT-CX1205A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com