データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10E1651 データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC10E1651
部品情報  Dual ECL Output Comparator with Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E1651 データシート(HTML) 4 Page - ON Semiconductor

  MC10E1651_13 Datasheet HTML 1Page - ON Semiconductor MC10E1651_13 Datasheet HTML 2Page - ON Semiconductor MC10E1651_13 Datasheet HTML 3Page - ON Semiconductor MC10E1651_13 Datasheet HTML 4Page - ON Semiconductor MC10E1651_13 Datasheet HTML 5Page - ON Semiconductor MC10E1651_13 Datasheet HTML 6Page - ON Semiconductor MC10E1651_13 Datasheet HTML 7Page - ON Semiconductor MC10E1651_13 Datasheet HTML 8Page - ON Semiconductor MC10E1651_13 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC10E1651
http://onsemi.com
4
Table 5. AC CHARACTERISTICS VCC = +5.0 V ±5%; VEE = −5.2 V ±5%, GND = 0 V (Note 4)
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Toggle Frequency
TBD
> 1.0
TBD
GHz
tPLH
tPHL
Propagation Delay to Output (Note 4)
V to Q
LEN to Q
750
550
900
725
1050
900
775
550
925
750
1075
900
850
650
1025
825
1200
1000
ps
ts
Setup Time V
450
300
450
300
550
350
ps
th
Enable Hold Time V
−50
−250
−50
−250
−100
−250
ps
tpw
Minimum Pulse Width LEN
400
400
400
ps
tskew
Within Device Skew (Note 5)
15
15
15
ps
tJITTER
Cycle−to−Cycle Jitter
TBD
TBD
TBD
ps
TDE
Delay Dispersion
(ECL Levels) (Notes 6, 7)
(Notes 6, 8)
100
60
ps
TDL
Delay Dispersion
(TTL Levels) (Notes 9, 10)
(Notes 8, 9)
350
100
ps
tr
tf
Rise/Fall Times
(20-80%)
225
325
475
225
325
475
250
375
500
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. Input VIL and VIH parameters vary 1:1 with VCC, output VOH and VOL parameters vary 1:1 with GND.
5. tskew is the propagation delay skew between comparator A and comparator B for a particular part under identical input conditions.
6. Refer to figure 4 and note that the input is at 850mV ECL levels with the input threshold range between the 20% and 80% points. The delay
is measured from the crosspoint of the input signal and the threshold value to the crosspoint of the Q and Q output signals.
7. The slew rate is 0.25 V/NS for input rising edges.
8. The slew rate is 0.75 V/NS for input rising edges.
9. Refer to Figure 5 and note that the input is at 2.5 V TTL levels with the input threshold range between the 20% and 80% points. The delay
is measured from the crosspoint of the input signal and the threshold value to the crosspoint of the Q and Q output signals.
10.The slew rate is 0.3 V/NS for input rising edges.


同様の部品番号 - MC10E1651_13

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E1651FN ONSEMI-MC10E1651FN Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651FNG ONSEMI-MC10E1651FNG Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651FNR2 ONSEMI-MC10E1651FNR2 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651FNR2G ONSEMI-MC10E1651FNR2G Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651L ONSEMI-MC10E1651L Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
More results

同様の説明 - MC10E1651_13

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1651 ONSEMI-MC10E1651_06 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
logo
Maxim Integrated Produc...
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
   Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9691 MAXIM-MAX9691_12 Datasheet
325Kb / 12P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 2; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com