データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA15532F データシート(PDF) 2 Page - Rohm

部品番号 BA15532F
部品情報  Low Noise Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA15532F データシート(HTML) 2 Page - Rohm

  BA15532F Datasheet HTML 1Page - Rohm BA15532F Datasheet HTML 2Page - Rohm BA15532F Datasheet HTML 3Page - Rohm BA15532F Datasheet HTML 4Page - Rohm BA15532F Datasheet HTML 5Page - Rohm BA15532F Datasheet HTML 6Page - Rohm BA15532F Datasheet HTML 7Page - Rohm BA15532F Datasheet HTML 8Page - Rohm BA15532F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200070-1-2
©2013 ROHM Co., Ltd. All rights reserved.
2/18
13.Sep.2013 Rev.001
TSZ22111・15・001
BA15532F
Pin Configuration
BA15532F : SOP8
Package
SOP8
BA15532F
Ordering Information
B
A
1
5
5
3
2
F
-
E
2
Part Number
BA15532F
Package
F:
SOP8
Packaging and forming specification
E2: Embossed tape and reel
(SOP8)
Lineup
Topr
Operating
Supply Voltage
(split supply)
Supply
Current
(Typ)
Slew Rate
(Typ)
Package
Orderable
Part Number
-20°C to +75°C
±3.0V to ±20.0V
8mA
8V/µs
SOP8
Reel of 2500
BA15532F-E2
Absolute Maximum Ratings (TA=25°C)
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC-VEE
+42
V
Power Dissipation
PD
SOP8
0.62
(Note 1,2)
W
Differential Input Voltage
(Note 3)
VID
±0.5
(Note 4)
V
Input Common-mode Voltage Range
VICM
VEE to VCC
V
Input Current
(Note 5)
II
±10
mA
Operating Supply Voltage
Vopr
±3 to ±20 (+6 to +40)
V
Operating Temperature
Topr
-20 to +75
°C
Storage Temperature
Tstg
-55 to +125
°C
Output Short Time
(Note 6)
Ts
unlimited
sec
Maximum Junction Temperature
TJmax
+125
°C
(Note 1) To use at temperature above TA=25°C reduce 6.2mW/°C.
(Note 2) Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (copper foil area less than 3%).
(Note 3) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
(Note 4) Don’t over input current ±10mA. Built-in resistor for protection because of over current with differential input voltage above 0.5.
(Note 5) An excessive input current will flow when input voltages (of more than VEE+0.6V or less VCC-0.6V) are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
(Note 6) Limit within PD.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is
operated over the absolute maximum ratings.
Pin No.
Pin Name
1
OUT1
2
-IN1
3
+IN1
4
VEE
5
+IN2
6
-IN2
7
OUT2
8
VCC
-+
+ -
CH1
CH2
8
1
2
3
4
5
6
7
OUT1
-IN1
+IN1
VEE
VCC
OUT2
-IN2
+IN2


同様の部品番号 - BA15532F

メーカー部品番号データシート部品情報
logo
Rohm
BA15532F ROHM-BA15532F Datasheet
56Kb / 4P
   Dual high slew rate, low noise operational amplifier
BA15532F ROHM-BA15532F Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
BA15532F ROHM-BA15532F Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
BA15532F ROHM-BA15532F Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA15532F ROHM-BA15532F Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
More results

同様の説明 - BA15532F

メーカー部品番号データシート部品情報
logo
Rohm
LM4559F ROHM-LM4559F Datasheet
380Kb / 20P
   Low Noise Operational Amplifier
LM4565F ROHM-LM4565F Datasheet
379Kb / 20P
   Low Noise Operational Amplifier
logo
Toshiba Semiconductor
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
   Single Operational Amplifier (Low Noise Operational Amplifier)
TC75S63TU TOSHIBA-TC75S63TU Datasheet
243Kb / 9P
   Single Operational Amplifier (Low Noise Operational Amplifier)
logo
Rohm
LM4559F-E2 ROHM-LM4559F-E2 Datasheet
849Kb / 29P
   Low Noise Operational Amplifier
LM4565F-E2 ROHM-LM4565F-E2 Datasheet
696Kb / 28P
   Low Noise Operational Amplifier
LM4565XXX ROHM-LM4565XXX Datasheet
694Kb / 27P
   Low Noise Operational Amplifier
15.Apr.2014 Rev.003
logo
Toshiba Semiconductor
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
   Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
   Low noise quad operational amplifier
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com