データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT2G125 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74AHCT2G125
部品情報  Bus buffer/line driver 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT2G125 データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74AHCT2G125 Datasheet HTML 5Page - NXP Semiconductors 74AHCT2G125 Datasheet HTML 6Page - NXP Semiconductors 74AHCT2G125 Datasheet HTML 7Page - NXP Semiconductors 74AHCT2G125 Datasheet HTML 8Page - NXP Semiconductors 74AHCT2G125 Datasheet HTML 9Page - NXP Semiconductors 74AHCT2G125 Datasheet HTML 10Page - NXP Semiconductors 74AHCT2G125 Datasheet HTML 11Page - NXP Semiconductors 74AHCT2G125 Datasheet HTML 12Page - NXP Semiconductors 74AHCT2G125 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
2004 Jan 13
9
Philips Semiconductors
Product specification
Bus buffer/line driver; 3-state
74AHC2G125; 74AHCT2G125
Type 74AHCT2G125
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
Tamb =25 °C
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
−−
V
VIL
LOW-level input voltage
4.5 to 5.5
−−
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −50 µA
4.5
4.4
4.5
V
IO = −8.0 mA
4.5
3.94
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =50 µA
4.5
0
0.1
V
IO = 8.0 mA
4.5
−−
0.36
V
IOZ
3-state output OFF-state
current
VI =VCC or GND
5.5
−−
0.25
µA
ILI
input leakage current
VI =VIH or VIL
5.5
−−
0.1
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0
5.5
−−
1.0
µA
∆ICC
additional quiescent supply
current per input pin
VI = 3.4 V; other inputs at
VCC or GND; IO =0
5.5
−−
1.35
mA
CI
input capacitance
1.5
10
pF
Tamb = −40 to +85 °C
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
−−
V
VIL
LOW-level input voltage
4.5 to 5.5
−−
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −50 µA
4.5
4.4
−−
V
IO = −8.0 mA
4.5
3.8
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =50 µA
4.5
−−
0.1
V
IO = 8.0 mA
4.5
−−
0.44
V
IOZ
3-state output OFF-state
current
VI =VCC or GND
5.5
−−
2.5
µA
ILI
input leakage current
VI =VIH or VIL
5.5
−−
1.0
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0
5.5
−−
10
µA
∆ICC
additional quiescent supply
current per input pin
VI = 3.4 V; other inputs at
VCC or GND; IO =0
5.5
−−
1.5
mA
CI
input capacitance
−−
10
pF


同様の部品番号 - 74AHCT2G125

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT2G125 NXP-74AHCT2G125 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 02-22 December 2008
logo
Nexperia B.V. All right...
74AHCT2G125 NEXPERIA-74AHCT2G125 Datasheet
221Kb / 12P
   Dual buffer/line driver; 3-state
Rev. 4 - 2 January 2019
74AHCT2G125-Q100 NEXPERIA-74AHCT2G125-Q100 Datasheet
223Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHCT2G125DC NXP-74AHCT2G125DC Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 02-22 December 2008
logo
Nexperia B.V. All right...
74AHCT2G125DC NEXPERIA-74AHCT2G125DC Datasheet
221Kb / 12P
   Dual buffer/line driver; 3-state
Rev. 4 - 2 January 2019
More results

同様の説明 - 74AHCT2G125

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com