データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GXX データシート(PDF) 1 Page - Illinois Capacitor, Inc.

部品番号 GXX
部品情報  High temperature ??Very Low ESR ??High ripple current ??stablewith temperature ??High frequency ??Long life ??ROHS compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
ホームページ  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

GXX データシート(HTML) 1 Page - Illinois Capacitor, Inc.

  GXX Datasheet HTML 1Page - Illinois Capacitor, Inc. GXX Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
High temperature Very Low ESR – High ripple current – stable
with temperature – High frequency – Long life – ROHS compliant
APPLICATIONS
DC-DC converters Voltage regulators Decoupling
Operating Temperature Range
-55°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge Voltage
WVDC
4
6.3
10
16
20
25
SVDC
1.15 x rated WVDC
Dissipation Factor
120 Hz, 20°C
12% MAX
Leakage Current
2 Minutes
See standard part listing
Low Temperature
Stability
Impedance Ratio
(100 kHz)
-55°C/ +20°C
<1.25
+105°C/ +20°C
<1.25
Load Life
5000 hours at 105°C with rated WVDC applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<150% of maximum specified value
ESR
<150% of maximum specified value
Leakage Current
<100% of maximum specified value
Damp Heat test
1000 hours at 60°C with no voltage applied at 90-95% R.H.
Capacitance Change
<20% of initial measured value
Dissipation Factor
<150% of maximum specified value
ESR
<150% of maximum specified value
Leakage Current
<100% of maximum specified value
Resistance to Soldering Heat
Capacitors placed on a 230°C hot plate for 5 seconds with their electrode terminations
facing downward will fulfill the following conditions after being cooled to room temperature
Capacitance Change
<20% of initial measured value
Dissipation Factor
<150% of maximum specified value
ESR
<150% of maximum specified value
Leakage Current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
120Hz<f<1kHz
1kHz<f<10kHz
10kHz<f<100kHz
100kHz<f<500kHz
0.05
0.3
0.7
1.0
D+0.5
W+0.2
H+0.2
LL+0.2
R+0..15
S+0.2
6.3
6.6
6.6
2.1
.65
1.9
8
8.3
8.3
2.8
.95
3.2


同様の部品番号 - GXX

メーカー部品番号データシート部品情報
logo
MMD Components
GXXAA1 MMD-GXXAA1 Datasheet
93Kb / 1P
   5mm X 7mm X 4 Pads Ceramic Package
GXXAA3 MMD-GXXAA3 Datasheet
93Kb / 1P
   5mm X 7mm X 4 Pads Ceramic Package
GXXAB1 MMD-GXXAB1 Datasheet
93Kb / 1P
   5mm X 7mm X 4 Pads Ceramic Package
GXXAB3 MMD-GXXAB3 Datasheet
93Kb / 1P
   5mm X 7mm X 4 Pads Ceramic Package
GXXBA1 MMD-GXXBA1 Datasheet
93Kb / 1P
   5mm X 7mm X 4 Pads Ceramic Package
More results

同様の説明 - GXX

メーカー部品番号データシート部品情報
logo
Illinois Capacitor, Inc...
107UVR6R3MEW ILLINOISCAPACITOR-107UVR6R3MEW Datasheet
259Kb / 2P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
ULR ILLINOISCAPACITOR-ULR Datasheet
259Kb / 3P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
UVG ILLINOISCAPACITOR-UVG Datasheet
225Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
277UER016MFH ILLINOISCAPACITOR-277UER016MFH Datasheet
299Kb / 2P
   High Temperature . Very Low ESR . High Ripple Current . Stable with Temperature . High Frequency
UER ILLINOISCAPACITOR-UER Datasheet
256Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ?뱒table with temperature ??High frequency
277ULR6R3MDY ILLINOISCAPACITOR-277ULR6R3MDY Datasheet
333Kb / 3P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
UVR ILLINOISCAPACITOR-UVR Datasheet
177Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
KBM ILLINOISCAPACITOR-KBM Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
JZM ILLINOISCAPACITOR-JZM Datasheet
207Kb / 2P
   Very Low ESR - High Frequency ??High Ripple Current
187AVG063MGBJ ILLINOISCAPACITOR-187AVG063MGBJ Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com