データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS13H-HF データシート(PDF) 2 Page - Bothhand USA, LP.

部品番号 TS13H-HF
部品情報  Designed to meet IEEE 802.3u requirement, including 350uH OCL with 8mA bias
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOTHHAND [Bothhand USA, LP.]
ホームページ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS13H-HF データシート(HTML) 2 Page - Bothhand USA, LP.

  TS13H-HF Datasheet HTML 1Page - Bothhand USA, LP. TS13H-HF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10/100 BASE-T ETHERNET
ISOLATION TRANSFORMER
P/N: TS13H HF DATA SHEET
BOTHHAND USA
Page :2/2
A00(13/01)
Mechanical
www.bothhandusa.com


同様の部品番号 - TS13H-HF

メーカー部品番号データシート部品情報
logo
Suntan Capacitors
TS13 SUNTAN-TS13 Datasheet
414Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITOR-GENERAL & MINIATURE
TS13 SUNTAN-TS13 Datasheet
414Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITOR-GENERAL & MINIATURE
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
TS13-1212-73-BK-100-D CUI-TS13-1212-73-BK-100-D Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
TS13-1212-73-BK-160-D CUI-TS13-1212-73-BK-160-D Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
More results

同様の説明 - TS13H-HF

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
TS8142-HF BOTHHAND-TS8142-HF Datasheet
233Kb / 2P
   Designed to meet IEEE 802.3u requirement including 350uH OCL with 8mA bias.
TS8121CXM-HF BOTHHAND-TS8121CXM-HF Datasheet
232Kb / 2P
   Designed to meet IEEE 802.3u requirement, including 350uH OCL with 8mA bias
logo
E&E Magnetic Products L...
824-00412R EEMAGNETIC-824-00412R Datasheet
581Kb / 5P
   CSCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL with 8mA DC Bias
824-00443F EEMAGNETIC-824-00443F Datasheet
224Kb / 3P
   SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL with 8mA DC Bias
824-00428F EEMAGNETIC-824-00428F Datasheet
431Kb / 5P
   SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL with 8mA DC Bias
824-00396F EEMAGNETIC-824-00396F Datasheet
802Kb / 5P
   SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL with 8mA DC Bias
824-C0313F EEMAGNETIC-824-C0313F Datasheet
119Kb / 2P
   SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL with 8mA DC Bias
824-00431F EEMAGNETIC-824-00431F Datasheet
581Kb / 5P
   CSCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL with 8mA DC Bias
824-00439F EEMAGNETIC-824-00439F Datasheet
224Kb / 3P
   SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL with 8mA DC Bias
824-00167R EEMAGNETIC-824-00167R Datasheet
140Kb / 3P
   Compliant with IEEE802.3 standard including 350uH OCL with 8mA DC bias
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com