データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10E016FNR2G データシート(PDF) 6 Page - ON Semiconductor

部品番号 MC10E016FNR2G
部品情報  5.0VECL8?륛it Synchronous Binary Up Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E016FNR2G データシート(HTML) 6 Page - ON Semiconductor

Back Button MC10E016FNR2G Datasheet HTML 2Page - ON Semiconductor MC10E016FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E016FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E016FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E016FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E016FNR2G Datasheet HTML 7Page - ON Semiconductor MC10E016FNR2G Datasheet HTML 8Page - ON Semiconductor MC10E016FNR2G Datasheet HTML 9Page - ON Semiconductor MC10E016FNR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC10E016, MC100E016
www.onsemi.com
6
Table 9. 100E SERIES NECL DC CHARACTERISTICS (VCCx = 0.0 V; VEE = −5.0 V (Note 1))
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
151
181
151
181
174
208
mA
VOH
Output HIGH Voltage (Note 2)
−1025
−950
−880
−1025
−950
−880
−1025
−950
−880
mV
VOL
Output LOW Voltage (Note 2)
−1810 −1705 −1620 −1810 −1745 −1620 −1810 −1740 −1620
mV
VIH
Input HIGH Voltage
−1165 −1025
−880
−1165 −1025
−880
−1165 −1025
−880
mV
VIL
Input LOW Voltage
−1810 −1645 −1475 −1810 −1645 −1475 −1810 −1645 −1475
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
Table 10. AC CHARACTERISTICS (VCCx= 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 1))
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Toggle Frequency
700
700
700
MHz
fCOUNT
Maximum Count Frequency
700
900
700
900
700
900
MHz
tPLH, tPHL Propagation Delay to Output
CLK to Q
MR to Q
CLK to TC
MR to TC
500
500
500
500
725
775
775
775
900
500
725
775
775
775
900
500
725
775
775
775
900
ps
ts
Setup Time (to CLK +)
ps
ts
Setup Time (to CLK +)
Pn
CE
PE
TCLD
150
600
600
500
−30
400
400
300
150
600
600
500
−30
400
400
300
150
600
600
500
−30
400
400
300
ps
th
Hold Time (to CLK +)
Pn
CE
PE
TCLD
350
400
0
100
100
200
200
−300
350
400
0
100
100
200
200
−300
350
400
0
100
100
200
200
−300
tRR
Reset Recovery Time
900
700
900
700
900
700
ps
tPW
Minimum Pulse Width
CLK, MR
400
400
400
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
tr, tf
Rise/Fall Times (20−80%)
200
510
700
200
510
700
200
510
700
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
1. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.


同様の部品番号 - MC10E016FNR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E016FNR2G ONSEMI-MC10E016FNR2G Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10E016FNR2G ONSEMI-MC10E016FNR2G Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com