データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10E116 データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC10E116
部品情報  5V ECL Quint Differential Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E116 データシート(HTML) 7 Page - ON Semiconductor

  MC10E116_16 Datasheet HTML 1Page - ON Semiconductor MC10E116_16 Datasheet HTML 2Page - ON Semiconductor MC10E116_16 Datasheet HTML 3Page - ON Semiconductor MC10E116_16 Datasheet HTML 4Page - ON Semiconductor MC10E116_16 Datasheet HTML 5Page - ON Semiconductor MC10E116_16 Datasheet HTML 6Page - ON Semiconductor MC10E116_16 Datasheet HTML 7Page - ON Semiconductor MC10E116_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC10E116, MC100E116
www.onsemi.com
7
PACKAGE DIMENSIONS
28 LEAD PLLC
FN SUFFIX
CASE 776−02
ISSUE F
−N−
−M−
−L−
V
W
D
D
Y BRK
28
1
VIEW S
S
L-M
S
0.010 (0.250)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
0.004 (0.100)
G1
G
J
C
Z
R
E
A
SEATING
PLANE
S
L-M
M
0.007 (0.180)
N S
T
−T−
B
S
L-M
S
0.010 (0.250)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
U
S
L-M
M
0.007 (0.180)
N S
T
Z
G1
X
VIEW D−D
S
L-M
M
0.007 (0.180)
N S
T
K1
VIEW S
H
K
F
S
L-M
M
0.007 (0.180)
N S
T
NOTES:
1. DATUMS -L-, -M-, AND -N- DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS
PLASTIC BODY AT MOLD PARTING LINE.
2. DIMENSION G1, TRUE POSITION TO BE
MEASURED AT DATUM -T-, SEATING PLANE.
3. DIMENSIONS R AND U DO NOT INCLUDE
MOLD FLASH. ALLOWABLE MOLD FLASH IS
0.010 (0.250) PER SIDE.
4. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO 0.012
(0.300). DIMENSIONS R AND U ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD
FLASH, BUT INCLUDING ANY MISMATCH
BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037
(0.940). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMENSION TO BE
SMALLER THAN 0.025 (0.635).
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.485
0.495
12.32
12.57
B
0.485
0.495
12.32
12.57
C
0.165
0.180
4.20
4.57
E
0.090
0.110
2.29
2.79
F
0.013
0.021
0.33
0.53
G
0.050 BSC
1.27 BSC
H
0.026
0.032
0.66
0.81
J
0.020
---
0.51
---
K
0.025
---
0.64
---
R
0.450
0.456
11.43
11.58
U
0.450
0.456
11.43
11.58
V
0.042
0.048
1.07
1.21
W
0.042
0.048
1.07
1.21
X
0.042
0.056
1.07
1.42
Y
---
0.020
---
0.50
Z
2
10
2
10
G1
0.410
0.430
10.42
10.92
K1
0.040
---
1.02
---
__
__


同様の部品番号 - MC10E116_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E116FN ONSEMI-MC10E116FN Datasheet
138Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 10
MC10E116FNG ONSEMI-MC10E116FNG Datasheet
138Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 10
MC10E116FNG ONSEMI-MC10E116FNG Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
MC10E116FNR2 ONSEMI-MC10E116FNR2 Datasheet
138Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 10
MC10E116FNR2G ONSEMI-MC10E116FNR2G Datasheet
138Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 10
More results

同様の説明 - MC10E116_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E416 ONSEMI-MC10E416_06 Datasheet
132Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC10E116 ONSEMI-MC10E116_06 Datasheet
138Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 10
MC10E136 ONSEMI-MC10E136_16 Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
logo
Arizona Microtek, Inc
AZ10E116 AZM-AZ10E116 Datasheet
79Kb / 5P
   ECL/PECL Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E416 MICREL-SY10E416_06 Datasheet
62Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY100S314 MICREL-SY100S314_10 Datasheet
344Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY10E416 MICREL-SY10E416 Datasheet
60Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
Semtech Corporation
SK10E116PJ SEMTECH-SK10E116PJ Datasheet
113Kb / 4P
   Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116 Datasheet
72Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10E116 ONSEMI-MC10E116 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com