データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10E141FNG データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC10E141FNG
部品情報  5V ECL 8?륛it Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E141FNG データシート(HTML) 5 Page - ON Semiconductor

  MC10E141FNG Datasheet HTML 1Page - ON Semiconductor MC10E141FNG Datasheet HTML 2Page - ON Semiconductor MC10E141FNG Datasheet HTML 3Page - ON Semiconductor MC10E141FNG Datasheet HTML 4Page - ON Semiconductor MC10E141FNG Datasheet HTML 5Page - ON Semiconductor MC10E141FNG Datasheet HTML 6Page - ON Semiconductor MC10E141FNG Datasheet HTML 7Page - ON Semiconductor MC10E141FNG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10E141
www.onsemi.com
5
Table 9. AC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fSHIFT
Max. Shift Frequency
700
900
700
900
700
900
MHz
tPLHt
PHL
Propagation Delay To Output
Clk
MR
625
600
750
725
975
975
625
600
750
725
975
975
625
600
750
725
975
975
ps
ts
Setup Time
D
SEL0
SEL1
175
350
300
25
200
150
175
350
300
25
200
150
175
350
300
25
200
150
ps
th
Hold Time
D
SEL0
SEL1
200
100
100
− 25
− 200
−150
200
100
100
− 25
− 200
−150
200
100
100
− 25
− 200
−150
ps
tRR
Reset Recovery Time
900
700
900
700
900
700
ps
tPW
Minimum Pulse Width
Clk, MR
400
400
400
ps
tSKEW
Within-Device Skew (Note 2)
60
60
60
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
tr
tf
Rise/Fall Times (20−80%)
300
525
800
300
525
800
300
525
800
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
2. Within-device skew is defined as identical transitions on similar paths through a device.


同様の部品番号 - MC10E141FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E141FNG ONSEMI-MC10E141FNG Datasheet
130Kb / 8P
   5V ECL 8-Bit Shift Register
November, 2006 ??Rev. 7
More results

同様の説明 - MC10E141FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141_06 Datasheet
130Kb / 8P
   5V ECL 8-Bit Shift Register
November, 2006 ??Rev. 7
MC10E137 ONSEMI-MC10E137_16 Datasheet
171Kb / 9P
   5V ECL 8?륛it Ripple Counter
July, 2016 ??Rev. 9
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
MC10H141 ONSEMI-MC10H141_16 Datasheet
143Kb / 5P
   Four?륛it Universal Shift Register
August, 2016 ??Rev. 9
MC10E452 ONSEMI-MC10E452_16 Datasheet
166Kb / 8P
   5V ECL 5?륛it Differential Register
July, 2016 ??Rev. 12
MC100E241 ONSEMI-MC100E241_06 Datasheet
125Kb / 7P
   5V ECL 8-Bit Scannable Register
October, 2006 ??Rev. 3
MC10E143 ONSEMI-MC10E143_16 Datasheet
157Kb / 7P
   5V ECL 9?륛it Hold Register
July, 2016 ??Rev. 8
MC10E151 ONSEMI-MC10E151_16 Datasheet
155Kb / 7P
   5V ECL 6?륛it D Register
July, 2016 ??Rev. 10
MC10E431 ONSEMI-MC10E431_16 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
MC10EP142 ONSEMI-MC10EP142_15 Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com