データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10E451 データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC10E451
部品情報  5 V ECL 6-Bit D Register Differential Data and Clock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E451 データシート(HTML) 4 Page - ON Semiconductor

  MC10E451_16 Datasheet HTML 1Page - ON Semiconductor MC10E451_16 Datasheet HTML 2Page - ON Semiconductor MC10E451_16 Datasheet HTML 3Page - ON Semiconductor MC10E451_16 Datasheet HTML 4Page - ON Semiconductor MC10E451_16 Datasheet HTML 5Page - ON Semiconductor MC10E451_16 Datasheet HTML 6Page - ON Semiconductor MC10E451_16 Datasheet HTML 7Page - ON Semiconductor MC10E451_16 Datasheet HTML 8Page - ON Semiconductor MC10E451_16 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC10E451, MC100E451
www.onsemi.com
4
Table 3. 10E SERIES PECL DC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0.0 V (Note 1))
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
84
101
84
101
84
101
mA
VOH
Output HIGH Voltage (Note 2)
3980
4070
4160
4020
4105
4190
4090
4185
4280
mV
VOL
Output LOW Voltage (Note 2)
3050
3210
3370
3050
3210
3370
3050
3227
3405
mV
VIH
Input HIGH Voltage (Single-Ended)
3830
3995
4160
3870
4030
4190
3940
4110
4280
mV
VIL
Input LOW Voltage (Single-Ended)
3050
3285
3520
3050
3285
3520
3050
3302
3555
mV
VBB
Output Voltage Reference
3.62
3.74
3.65
3.75
3.69
3.81
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 3)
2.2
4.6
2.2
4.6
2.2
4.6
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.3
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
Table 4. 10E SERIES NECL DC CHARACTERISTICS (VCCx = 0.0 V; VEE = −5.0 V (Note 1))
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
84
101
84
101
84
101
mA
VOH
Output HIGH Voltage (Note 2)
−1020
−930
−840
−980
−895
−810
−910
−815
−720
mV
VOL
Output LOW Voltage (Note 2)
−1950 −1790 −1630 −1950 −1790 −1630 −1950 −1773 −1595
mV
VIH
Input HIGH Voltage (Single-Ended)
−1170 −1005
−840
−1130
−970
−810
−1060
−890
−720
mV
VIL
Input LOW Voltage (Single-Ended)
−1950 −1715 −1480 −1950 −1715 −1480 −1950 −1698 −1445
mV
VBB
Output Voltage Reference
−1.38
−1.27
−1.35
−1.25
−1.31
−1.19
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 3)
−2.8
−0.4
−2.8
−0.4
−2.8
−0.4
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.065
0.3
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.


同様の部品番号 - MC10E451_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E451FN ONSEMI-MC10E451FN Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10E451FN ONSEMI-MC10E451FN Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC10E451FNG ONSEMI-MC10E451FNG Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC10E451FNR2 ONSEMI-MC10E451FNR2 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC10E451FNR2G ONSEMI-MC10E451FNR2G Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
More results

同様の説明 - MC10E451_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10E451 ONSEMI-MC10E451_06 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52_16 Datasheet
170Kb / 8P
   5 V ECL Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E151 ONSEMI-MC10E151_16 Datasheet
155Kb / 7P
   5V ECL 6?륛it D Register
July, 2016 ??Rev. 10
MC10E452 ONSEMI-MC10E452_16 Datasheet
166Kb / 8P
   5V ECL 5?륛it Differential Register
July, 2016 ??Rev. 12
MC10EP52 ONSEMI-MC10EP52_16 Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com