データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EL32 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10EL32
部品情報  Divider
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL32 データシート(HTML) 1 Page - ON Semiconductor

  MC10EL32 Datasheet HTML 1Page - ON Semiconductor MC10EL32 Datasheet HTML 2Page - ON Semiconductor MC10EL32 Datasheet HTML 3Page - ON Semiconductor MC10EL32 Datasheet HTML 4Page - ON Semiconductor MC10EL32 Datasheet HTML 5Page - ON Semiconductor MC10EL32 Datasheet HTML 6Page - ON Semiconductor MC10EL32 Datasheet HTML 7Page - ON Semiconductor MC10EL32 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 9
1
Publication Order Number:
MC10EL32/D
MC10EL32, MC100EL32
5V ECL ÷2 Divider
Description
The MC10EL/100EL32 is an integrated
÷2 divider. The differential
clock inputs and the VBB allow a differential, single-ended or AC coupled
interface to the device. The VBB pin, an internally generated voltage
supply, is available to this device only. For single-ended input conditions,
the unused differential input is connected to VBB as a switching reference
voltage. VBB may also rebias AC coupled inputs. When used, decouple
VBB and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The reset pin is asynchronous and is asserted on the rising edge. Upon
power-up, the internal flip-flop will attain a random state; the reset allows
for the synchronization of multiple EL32’s in a system.
The 100 Series contains temperature compensation.
Features
510 ps Propagation Delay
3.0 GHz Toggle Frequency
ESD Protection:
> 1 kV Human Body Model
> 100 V Machine Model
PECL Mode Operating Range:
VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors on CLK(s) and R.
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity
Level 1 for SOIC−8NB
Level 3 for TSSOP−8
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 82 devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING DIAGRAMS*
KL32
ALYWG
G
SOIC−8NB
D SUFFIX
CASE 751−07
1
8
TSSOP−8
DT SUFFIX
CASE 948R−02
1
8
1
8
www.onsemi.com
KEL32
ALYW
G
1
8
HL32
ALYWG
G
1
8
HEL32
ALYW
G
1
8
(Note: Microdot may be in either location)
H = MC10
K = MC100
4U = MC10
2J = MC100
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
M = Date Code
G = Pb-Free Package
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information on page 6 of
this data sheet.
ORDERING INFORMATION


同様の部品番号 - MC10EL32

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32 Datasheet
76Kb / 3P
   첨2 Divider
1996 REV 3
MC10EL32 ONSEMI-MC10EL32 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC10EL32D ONSEMI-MC10EL32D Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC10EL32D ONSEMI-MC10EL32D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL32D ONSEMI-MC10EL32D Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
More results

同様の説明 - MC10EL32

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_16 Datasheet
192Kb / 11P
   Divider
August, 2016 ??Rev. 11
MC10EL33 ONSEMI-MC10EL33_16 Datasheet
171Kb / 8P
   Divider
July, 2016 ??Rev. 11
MC10EP32 ONSEMI-MC10EP32_16 Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
logo
Texas Instruments
4214BP TI1-4214BP Datasheet
430Kb / 6P
[Old version datasheet]   MULTIPLER - DIVIDER
logo
M/A-COM Technology Solu...
MAPDCT0028 MA-COM-MAPDCT0028_15 Datasheet
139Kb / 3P
   Power divider
logo
KODENSHI_AUK CORP.
KK4017B KODENSHI-KK4017B Datasheet
346Kb / 7P
   Counter/Divider
logo
Integrated Device Techn...
ICS542MILF IDT-ICS542MILF Datasheet
171Kb / 6P
   CLOCK DIVIDER
ICS542MLFT IDT-ICS542MLFT Datasheet
171Kb / 6P
   CLOCK DIVIDER
logo
American Accurate Compo...
JXWBGF-H-2-0.4-400 AAC-JXWBGF-H-2-0.4-400 Datasheet
88Kb / 1P
   Power Divider
JXWBGF-C-6-1-200 AAC-JXWBGF-C-6-1-200 Datasheet
83Kb / 1P
   Power Divider
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com