データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744830039080 データシート(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 744830039080
部品情報  WE-CMBHV Common Mode Power Line Choke
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744830039080 データシート(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744830039080 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744830039080 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744830039080 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744830039080 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744830039080 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Cautions & Warnings:
The following conditions apply to all goods within the product series of WE-CMBHV of
Würth Elektronik eiSos GmbH & Co. KG:
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the
electrical as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins
or termination.
Direct mechanical impact to the product shall be prevented as the ferrite material of the core could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
• The soldering profile has to be complied with according to the technical wave soldering specification, otherwise this will void the
warranty.
• Reflow soldering is only allowed after evaluation and approval.
• All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t
be ensured.
• Violation of the technical product specifications such as exceeding the nominal rated current will result in the loss of warranty.
• Due to heavy weight of the component, strong forces and high accelerations might have the effect to damage the electrical connection
or to harm the circuit board and will void the warranty.
The general and prodcut specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate
and reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
HasA
DIN ISO 2768-1m
DESCRIPTION
WE-CMBHV Common Mode Power
Line Choke
ORDER CODE
744830039080
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
XL
001.000
Valid
2015-11-10
eiSos
4/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 744830039080

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744830007215 WURTH-744830007215 Datasheet
439Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830010185 WURTH-744830010185 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830017132 WURTH-744830017132 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830025103 WURTH-744830025103 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
More results

同様の説明 - 744830039080

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744831020133 WURTH-744831020133 Datasheet
452Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830007215 WURTH-744830007215 Datasheet
439Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744831034090 WURTH-744831034090 Datasheet
452Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744831047068 WURTH-744831047068 Datasheet
452Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744831016164 WURTH-744831016164 Datasheet
452Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830010185 WURTH-744830010185 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830017132 WURTH-744830017132 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830025103 WURTH-744830025103 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744831010205 WURTH-744831010205 Datasheet
453Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744844221 WURTH-744844221 Datasheet
909Kb / 5P
   WE-ExB Common Mode Power Line Choke
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com