データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EL58DTG データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC100EL58DTG
部品情報  5.0V ECL 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL58DTG データシート(HTML) 3 Page - ON Semiconductor

  MC100EL58DTG Datasheet HTML 1Page - ON Semiconductor MC100EL58DTG Datasheet HTML 2Page - ON Semiconductor MC100EL58DTG Datasheet HTML 3Page - ON Semiconductor MC100EL58DTG Datasheet HTML 4Page - ON Semiconductor MC100EL58DTG Datasheet HTML 5Page - ON Semiconductor MC100EL58DTG Datasheet HTML 6Page - ON Semiconductor MC100EL58DTG Datasheet HTML 7Page - ON Semiconductor MC100EL58DTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10EL58, MC100EL58
www.onsemi.com
3
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
8
V
VEE
NECL Mode Power Supply
VCC = 0 V
−8
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI ≤ VCC
VI ≥ VEE
6
−6
V
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
SOIC−8NB
190
130
°C/W
qJC
Thermal Resistance (Junction-to-Case)
SOIC−8NB
41 to 44
°C/W
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
TSSOP−8
185
140
°C/W
Tsol
Wave Solder (Pb-Free)
<2 to 3 sec @ 260°C
265
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. JEDEC standard multilayer board − 2S2P (2 signal, 2 power)
Table 5. 10EL SERIES PECL DC CHARACTERISTICS (VCC= 5.0 V; VEE= 0.0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
14
17
14
17
14
17
mA
VOH
Output HIGH Voltage (Note 2)
3920
4010
4110
4020
4105
4190
4090
4185
4280
mV
VOL
Output LOW Voltage (Note 2)
3050
3200
3350
3050
3210
3370
3050
3227
3405
mV
VIH
Input HIGH Voltage
3770
4110
3870
4190
3940
4280
mV
VIL
Input LOW Voltage
3050
3500
3050
3520
3050
3555
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.3
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.06 V / −0.5 V.
2. Outputs are terminated through a 50 ohm resistor to VCC−2 volts.


同様の部品番号 - MC100EL58DTG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EL58DTG ONSEMI-MC100EL58DTG Datasheet
143Kb / 9P
   5.0 V ECL 2:1 Multiplexer
December, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com