データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EP11 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10EP11
部品情報  ECL 1:2 Differential Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP11 データシート(HTML) 1 Page - ON Semiconductor

  MC10EP11_16 Datasheet HTML 1Page - ON Semiconductor MC10EP11_16 Datasheet HTML 2Page - ON Semiconductor MC10EP11_16 Datasheet HTML 3Page - ON Semiconductor MC10EP11_16 Datasheet HTML 4Page - ON Semiconductor MC10EP11_16 Datasheet HTML 5Page - ON Semiconductor MC10EP11_16 Datasheet HTML 6Page - ON Semiconductor MC10EP11_16 Datasheet HTML 7Page - ON Semiconductor MC10EP11_16 Datasheet HTML 8Page - ON Semiconductor MC10EP11_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 11
1
Publication Order Number:
MC10EP11/D
MC10EP11, MC100EP11
3.3V / 5V ECL 1:2
Differential Fanout Buffer
Description
The MC10/100EP11 is a differential 1:2 fanout buffer. The device is
pin and functionally equivalent to the LVEL11 device. With AC
performance much faster than the LVEL11 device, the EP11 is ideal
for applications requiring the fastest AC performance available.
The 100 Series contains temperature compensation.
Features
220 ps Typical Propagation Delay
Maximum Clock Frequency > 3 GHz Typical
PECL Mode Operating Range:
VCC = 3.0 V to 5.5 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
Q Outputs Will Default LOW with Inputs Open or at VEE
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb-Free Package
H
= MC10
K
= MC100
5K
= MC10
2Z
= MC100
M
= Date Code
MARKING DIAGRAMS*
ALYWG
G
HP11
ALYWG
G
KP11
1
8
1
8
www.onsemi.com
HEP11
ALYW
G
1
8
KEP11
ALYW
G
1
8
14
(Note: Microdot may be in either location)
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information on page 9 of
this data sheet.
ORDERING INFORMATION
SOIC−8NB
D SUFFIX
CASE
751−07
TSSOP−8
DT SUFFIX
CASE
948R−02
1
8
1
8
DFN−8
MN SUFFIX
CASE 506AA


同様の部品番号 - MC10EP11_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116 Datasheet
122Kb / 8P
   Hex Differential Line Receiver
March, 2000 ??Rev. 3
MC10EP116 ONSEMI-MC10EP116 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
MC10EP116FA ONSEMI-MC10EP116FA Datasheet
122Kb / 8P
   Hex Differential Line Receiver
March, 2000 ??Rev. 3
MC10EP116FA ONSEMI-MC10EP116FA Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
MC10EP116FAG ONSEMI-MC10EP116FAG Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
More results

同様の説明 - MC10EP11_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com