データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EP016 データシート(PDF) 11 Page - ON Semiconductor

部品番号 MC10EP016
部品情報  ECL 8-Bit Synchronous Binary Up Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP016 データシート(HTML) 11 Page - ON Semiconductor

Back Button MC10EP016 Datasheet HTML 7Page - ON Semiconductor MC10EP016 Datasheet HTML 8Page - ON Semiconductor MC10EP016 Datasheet HTML 9Page - ON Semiconductor MC10EP016 Datasheet HTML 10Page - ON Semiconductor MC10EP016 Datasheet HTML 11Page - ON Semiconductor MC10EP016 Datasheet HTML 12Page - ON Semiconductor MC10EP016 Datasheet HTML 13Page - ON Semiconductor MC10EP016 Datasheet HTML 14Page - ON Semiconductor MC10EP016 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MC10EP016, MC100EP016
http://onsemi.com
11
Applications Information (continued)
H
L
H
H
LLL
H
H
H
H
TC
PE
CE
TCLD
CLK
P7
P6
P4
P3
P2
P1 P0
P5
Q7 Q6
Q4 Q3
Q2 Q1 Q0
Q5
Figure 5. Mod 2 to 256 Programmable Divider
CLK
COUT
COUT
To determine what value to load into the device to
accomplish the desired division, the designer simply
subtracts the binary equivalent of the desired divide ratio
from the binary value for 256. As an example for a divide
ratio of 113:
Pn's = 256 - 113 = 8F16 = 1000 1111
where:
P0 = LSB and P7 = MSB
Forcing this input condition as per the setup in Figure 5
will result in the waveforms of Figure 6. Note that the TC
output is used as the divide output and the pulse duration is
equal to a full clock period. For even divide ratios, twice the
desired divide ratio can be loaded into the EP016 and the TC
output can feed the clock input of a toggle flip flop to create
a signal divided as desired with a 50% duty cycle.
Table 13. PRESET VALUES FOR VARIOUS DIVIDE
RATIOS
Divide
Ratio
Preset Data Inputs
P7
P6
P5
P4
P3
P2
P1
P0
2
H
H
H
H
H
H
H
L
3
H
H
HHHH
L
H
4
H
H
HHHH
L
L
5
H
H
HHH
L
H
H
w
w
•••••
w
•••••
112
H
L
L
H
LLL
L
113
H
L
L
L
HHH
H
114
H
L
L
L
HHH
L
•••••
•••••
254
L
L
LLLL
H
L
255
L
L
LLLLL
H
256
L
L
L
L
L
L
L
L
A single EP016 can be used to divide by any ratio from 2
to 256 inclusive. If divide ratios of greater than 256 are
needed multiple EP016s can be cascaded in a manner similar
to that already discussed. When EP016s are cascaded to
build larger dividers the TCLD pin will no longer provide a
means for loading on terminal count. Because one does not
want to reload the counters until all of the devices in the
chain have reached terminal count, external gating of the TC
pins must be used for multiple EP016 divider chains.
•••
PE
•••
•••
CLK
TC
Load
DIVIDE BY 113
Load
1001 0000
1001 0001
1111 1100
1111 1101
1111 1110
1111 1111
Figure 6. Divide by 113 EP016 Programmable Divider Waveforms


同様の部品番号 - MC10EP016

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC10EP016 ONSEMI-MC10EP016 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016FA ONSEMI-MC10EP016FA Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC10EP016FA ONSEMI-MC10EP016FA Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016FAG ONSEMI-MC10EP016FAG Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
More results

同様の説明 - MC10EP016

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
MC10E016 ONSEMI-MC10E016_08 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016_06 Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100EP016A ONSEMI-MC100EP016A_06 Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com