データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H125FNG データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC10H125FNG
部品情報  Quad MECL?릘o?륳TL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H125FNG データシート(HTML) 4 Page - ON Semiconductor

  MC10H125FNG Datasheet HTML 1Page - ON Semiconductor MC10H125FNG Datasheet HTML 2Page - ON Semiconductor MC10H125FNG Datasheet HTML 3Page - ON Semiconductor MC10H125FNG Datasheet HTML 4Page - ON Semiconductor MC10H125FNG Datasheet HTML 5Page - ON Semiconductor MC10H125FNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC10H125
www.onsemi.com
4
Table 4. AC CHARACTERISTICS
Symbol
Characteristic
25°
75°
Unit
Min
Max
Min
Max
Min
Max
tpd
Propagation Delay
0.8
3.3
0.85
3.35
0.9
3.4
ns
tr
Rise Time (Note 1)
0.3
1.2
0.3
1.2
0.3
1.2
ns
tf
Fall Time (Note 1)
0.3
1.2
0.3
1.2
0.3
1.2
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Output Voltage = 1.0 V to 2.0 V. RL = 500 W to GND and CL = 25 pF to GND. Refer to Figure 1.
Figure 1. TTL Output Loading Used for Device Evaluation
CHARACTERISTIC TEST
CL*RL
AC TEST LOAD
GND
*CL includes
fixture
capacitance
APPLICATION
TTL RECEIVER
APPLICATION INFORMATION
The MC10H125 incorporates differential inputs and
Schottky TTL “totem pole” outputs. Differential inputs
allow for use as an inverting/non-inverting translator or as
a differential line receiver. The VBB reference voltage is
available on Pin 1 for use in single-ended input biasing. The
outputs of the MC10H125 go to a low-logic level whenever
the inputs are left floating, and a high-logic output level is
achieved with a minimum input level of 150 mVp−p.
An advantage of this device is that MECL-level
information can be received, via balanced twisted pair lines,
in the TTL equipment. This isolates the MECL-logic from
the noisy TTL environment. Power supply requirements are
ground, +5.0 V and −5.2 V.


同様の部品番号 - MC10H125FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H125FNG ONSEMI-MC10H125FNG Datasheet
156Kb / 8P
   Quad MECL?뭪o?뭈TL Translator
February, 2006 ??Rev. 12
More results

同様の説明 - MC10H125FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H124 ONSEMI-MC10H124_16 Datasheet
149Kb / 6P
   Quad TTL?릘o?륪ECL Translator
August, 2016 ??Rev. 12
logo
Motorola, Inc
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
   Quad TTL-to-MECL Translator
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125 Datasheet
78Kb / 8P
   Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
MC10125 ONSEMI-MC10125 Datasheet
118Kb / 8P
   Quad MECL to TTL Translator
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
   Quad MECL-to-TTL Translator
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125_06 Datasheet
156Kb / 8P
   Quad MECL?뭪o?뭈TL Translator
February, 2006 ??Rev. 12
MC10124 ONSEMI-MC10124 Datasheet
125Kb / 7P
   Quad TTL to MECL Translator
1996 REV 5
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10H124 ONSEMI-MC10H124 Datasheet
79Kb / 6P
   Quad TTL-to-MECL Translator With TTL Strobe Input
September, 2004 ??Rev. 8
logo
Motorola, Inc
MC10125 MOTOROLA-MC10125 Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com