データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H136FNG データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC10H136FNG
部品情報  Universal Hexadecimal Counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H136FNG データシート(HTML) 3 Page - ON Semiconductor

  MC10H136FNG Datasheet HTML 1Page - ON Semiconductor MC10H136FNG Datasheet HTML 2Page - ON Semiconductor MC10H136FNG Datasheet HTML 3Page - ON Semiconductor MC10H136FNG Datasheet HTML 4Page - ON Semiconductor MC10H136FNG Datasheet HTML 5Page - ON Semiconductor MC10H136FNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC10H136
www.onsemi.com
3
Table 5. AC CHARACTERISTICS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
Clock to Q
Clock to Carry Out
Carry in to Carry
Out
0.7
1.0
0.7
2.3
4.8
2.5
0.7
1.0
0.7
2.4
4.9
2.6
0.7
1.0
0.7
2.5
5.0
2.7
ns
tset
Set-up Time
Data (D0 to C)
Select (S to C)
Carry In (Cin to C)
(C to Cin)
2.0
3.5
2.0
0
2.0
3.5
2.0
0
2.0
3.5
2.0
0
ns
thold
Hold Time
Data (C to D0)
Select (C to S)
Carry In (C to Cin)
(Cin to C)
0
−0.5
0
2.2
0
−0.5
0
2.2
0
−0.5
0
2.2
ns
fcount
Counting Frequency
250
250
250
MHz
tr
Rise Time
0.5
2.3
0.5
2.4
0.5
2.5
ns
tf
Fall Time
0.5
2.3
0.5
2.4
0.5
2.5
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Q2
T
T
T
T
T
T
T
Q3
T
Q3
Q1
Q1
T
T
C
T
C
T
C
Q0
Figure 2. Logic Diagram
NOTE: FLIP-FLOPS WILL TOGGLE WHEN ALL T INPUTS ARE LOW.
S1 9
S2 7
Carry In
10
Clock
13
12
D0
14
Q0
11
D1
15
Q1
6
D2
2
Q2
5
D3
3
Q3
4
Carry Out
T
C
Q0
T
Q2
VCC1 = Pin 1
VCC2 = Pin 16
VEE = Pin 8


同様の部品番号 - MC10H136FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H136FNG ONSEMI-MC10H136FNG Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
More results

同様の説明 - MC10H136FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_06 Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
logo
Austin Semiconductor
AS10H536 AUSTIN-AS10H536 Datasheet
120Kb / 5P
   Universal Hexadecimal Counter
logo
ON Semiconductor
MC10136 ONSEMI-MC10136_02 Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
MC10H136 ONSEMI-MC10H136 Datasheet
116Kb / 4P
   Universal Hexadecimal Counter
REV 6
MC10136 ONSEMI-MC10136 Datasheet
150Kb / 8P
   Universal Hexadecimal Counter
1996 REV 5
logo
Motorola, Inc
MC10137 MOTOROLA-MC10137 Datasheet
130Kb / 6P
   Universal Decade Counter
logo
Keysight Technologies
53210A KEYSIGHT-53210A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
53230A KEYSIGHT-53230A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
E1420B KEYSIGHT-E1420B Datasheet
335Kb / 5P
   High-Performance VXI Universal Counter
53220A KEYSIGHT-53220A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com