データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST-JN5-S-C1B-2500 データシート(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

部品番号 ST-JN5-S-C1B-2500
部品情報  Compact Waterproof Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JAE [Japan Aviation Electronics Industry, Ltd.]
ホームページ  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ST-JN5-S-C1B-2500 データシート(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  ST-JN5-S-C1B-2500 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ST-JN5-S-C1B-2500 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ST-JN5-S-C1B-2500 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MB-0118-2
3/3
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Japan Aviation Electronics Industry, Limited
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2787 FAX: +81-3-3780-2946
* The specifications in this brochure are subject to change without notice. Please contact JAE for information.
Notice: Products shown in this leaflet are
made for the applications listed below. However,
if the above-mentioned products are to be used in
aerospace devices, marine cable-connection
devices, atomic power control systems, medical
equipment for life-support systems, or any other
specific application requiring extremely high
reliability, please contact JAE for further
information.
Recommended applications: Computers, Office
machines, Measuring devices,
Telecommunication devices (Terminals, Mobile
devices), AV devices, Household applications, FA
devices, etc.
Specifications and Tools
Type
PartNumber
Remark
JN5CW06UJ1
SJ101306
Receptacle (6pos.)
JN5FW06SJ1
SJ101307
Angle plug (6pos.)
ST-JN5-S-C1B-2500-(A534G)
SJ101308
Crimp Socket contact (reel)
1.Drawing
ST-JN5-S-C1B-100-(A534G)
SJ101309
Crimp Socket contact (alone)
2.Specification
JN5 Connector Specification
JACS-50006
3.Handling Instruction
JN5 Connector
JAHL-50006
Contact type
Tool
ApplicableWire
Applicable Tool
Tool Handling
Insturction
Manual Crimp tool (for single item)
AWG#22~#18
CT160-3-JN5
T700263
#18Socket contact
Semi-automatic Crimp (recall reel contact)
AWG#22~#18
350-JN5-2
T703332
Receptacle
Plug
*Attention
Concerning RoHS compliance of termination machines and withdrawal tools etc.
for this series, please contact our sales.


同様の部品番号 - ST-JN5-S-C1B-2500

メーカー部品番号データシート部品情報
logo
Japan Aviation Electron...
ST-JN5-S-C1B-2500 JAE-ST-JN5-S-C1B-2500 Datasheet
640Kb / 9P
   Small Waterproof Connector
More results

同様の説明 - ST-JN5-S-C1B-2500

メーカー部品番号データシート部品情報
logo
Japan Aviation Electron...
MX47 JAE-MX47 Datasheet
284Kb / 5P
   Compact Waterproof Automotive Connectors
MX44 JAE-MX44 Datasheet
159Kb / 6P
   Compact Waterproof Automotive Connectors with Low Pin Counts
logo
Hirose Electric
DF63W HIROSE-DF63W Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Japan Aviation Electron...
MX23A JAE-MX23A Datasheet
229Kb / 7P
   Compact Type Low-profiled Waterproof Connector
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com