データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1W008S4T データシート(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

部品番号 ST1W008S4T
部品情報  microSDTM Small Memory Card Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JAE [Japan Aviation Electronics Industry, Ltd.]
ホームページ  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ST1W008S4T データシート(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  ST1W008S4T Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ST1W008S4T Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ST1W008S4T Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ST1W008S4T Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MB-0195-3
4/4
JAE PMK Div. Proprietary. Copyright © 2012,Japan Aviation Electronics Industry, Ltd.
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2787 FAX: +81-3-3780-2946
Notice: Products shown in this brochure are
made for the applications listed below. However,
if the above-mentioned products are to be used in
aerospace devices, marine cable-connection
devices, atomic power control systems, medical
equipment for life-support systems, or any other
specific application requiring extremely high
reliability, please contact JAE for further
information.
Recommended applications: computers, office
machines, measuring devices,
telecommunication devices (terminals, mobile
devices), AV devices, household applications, FA
devices, etc.
* The specifications in this brochure are subject to change without notice. Please contact JAE for information.
Note: An embossed tape reel contains 2,000 pieces.
Please contact us for details on embossed tape
specifications.
Unit: mm
SJ109285
ST1W008S4G
SJ Drawing
Part Number
Applicable board dimensions
(for reference)


同様の部品番号 - ST1W008S4T

メーカー部品番号データシート部品情報
logo
E-SWITCH
ST1 E-SWITCH-ST1 Datasheet
132Kb / 1P
   ST1 Series
logo
Bothhand USA, LP.
ST1-05S05LF BOTHHAND-ST1-05S05LF Datasheet
186Kb / 2P
   1W Isolated DC/DC Converter
ST1-05S05LF BOTHHAND-ST1-05S05LF Datasheet
186Kb / 2P
   Input Filter With Internal Capacitor
ST1-05S09LF BOTHHAND-ST1-05S09LF Datasheet
186Kb / 2P
   1W Isolated DC/DC Converter
ST1-05S09LF BOTHHAND-ST1-05S09LF Datasheet
186Kb / 2P
   Input Filter With Internal Capacitor
More results

同様の説明 - ST1W008S4T

メーカー部品番号データシート部品情報
logo
Japan Aviation Electron...
ST10 JAE-ST10 Datasheet
377Kb / 4P
   microSDTM Small Memory Card Connector
ST9S008V4A JAE-ST9S008V4A Datasheet
181Kb / 4P
   microSDTM Memory Card Connector
ST12 JAE-ST12 Datasheet
514Kb / 5P
   microSDTM Memory Card Connector
logo
ALPS ELECTRIC CO.,LTD.
SCHG ALPS-SCHG Datasheet
374Kb / 3P
   Combine Type Connector (for SIM Card 8pins, microSDTM Card)
logo
Molex Electronics Ltd.
47457-8001 MOLEX-47457-8001 Datasheet
129Kb / 2P
   miniSD Memory Card Connector
logo
Japan Aviation Electron...
ST11-H JAE-ST11-H Datasheet
276Kb / 4P
   microSD Memory Card Connector
logo
ATMEL Corporation
AT25FS010 ATMEL-AT25FS010 Datasheet
555Kb / 22P
   High Speed Small Sectored SPI Flash Memory
AT25FS010 ATMEL-AT25FS010_09 Datasheet
694Kb / 24P
   High Speed Small Sectored SPI Flash Memory
AT25FS040 ATMEL-AT25FS040 Datasheet
502Kb / 23P
   High Speed Small Sectored SPI Flash Memory
logo
ALPS ELECTRIC CO.,LTD.
SCDA ALPS-SCDA Datasheet
2Mb / 7P
   Connector for SD Memory Card
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com