データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U1084A データシート(PDF) 11 Page - Keysight Technologies

部品番号 U1084A
部品情報  Acqiris High-Speed PCIe Digitizers with On-Board Signal Processing
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1084A データシート(HTML) 11 Page - Keysight Technologies

Back Button U1084A Datasheet HTML 7Page - Keysight Technologies U1084A Datasheet HTML 8Page - Keysight Technologies U1084A Datasheet HTML 9Page - Keysight Technologies U1084A Datasheet HTML 10Page - Keysight Technologies U1084A Datasheet HTML 11Page - Keysight Technologies U1084A Datasheet HTML 12Page - Keysight Technologies U1084A Datasheet HTML 13Page - Keysight Technologies U1084A Datasheet HTML 14Page - Keysight Technologies U1084A Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Control I/O (MCX)
Control signals (I/O A, B, and C)
TTL & CMOS compatible (3.3 V)
Control output (I/O A, B, and C)
Acquisition active
Acquisition skipping to next segment
Control input (I/O A and B)
Trigger enable
External clock (CLK IN)
Connectors
MCX, gold-plated
Clock reference
Amplitude: > 1 V pk-pk into 50 Ω
(measured)
Threshold: variable between
- 2 V and + 2V (typ)
Maximum input voltage: ± 5 V DC
Clock input
1 GHz or 2 GHz
Reference frequency
10 MHz ± 0.3% (measured)
Environmental and physical
Power consumption
< 45 W (40 W typ)
Current requirements (typ.)
Sampling at 4 GS/s
+ 12 V
2.5 A
+ 3.3 V
3 A


同様の部品番号 - U1084A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
U10 ETC2-U10 Datasheet
206Kb / 2P
   USB Network Interface ??TP/FT-10 Channel
logo
Amphenol Communications...
U10 AMPHENOLCS-U10 Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
logo
Intronics Power, Inc.
U10-12D12 INTRONICS-U10-12D12 Datasheet
146Kb / 1P
   DC/DC MODULES
U10-12D15 INTRONICS-U10-12D15 Datasheet
146Kb / 1P
   DC/DC MODULES
U10-12D5 INTRONICS-U10-12D5 Datasheet
146Kb / 1P
   DC/DC MODULES
More results

同様の説明 - U1084A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
U5303A KEYSIGHT-U5303A Datasheet
3Mb / 16P
   PCIe High-Speed Digitizer with On-Board Processing
U5309A KEYSIGHT-U5309A Datasheet
3Mb / 14P
   PCIe High-Speed Digitizer with On-Board Processing
U5310A KEYSIGHT-U5310A Datasheet
1Mb / 12P
   PCIe High-Speed Digitizer with On-Board Processing
logo
Advantech Co., Ltd.
DSP-8661 ADVANTECH-DSP-8661_14 Datasheet
885Kb / 2P
   16-ch PCIe Versatile Video Processing Board with SDK
logo
National Instruments Co...
NI5154 NI-NI5154 Datasheet
403Kb / 6P
   High-Speed Digitizers-Optimized for Automated Test
logo
Analog Devices
ADXL195 AD-ADXL195 Datasheet
79Kb / 2P
   High Performance Accelerometer with Dual Spectrum Signal Processing
Rev. SpA
logo
Cypress Semiconductor
CY8C25122 CYPRESS-CY8C25122_05 Datasheet
1Mb / 151P
   Mixed-Signal Array with On-board Controller
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
PerkinElmer Optoelectro...
A2TPMI PERKINELMER-A2TPMI Datasheet
316Kb / 21P
   Thermopile with integrated signal processing circuit
logo
KODENSHI_AUK CORP.
PIC-0103 KODENSHI-PIC-0103 Datasheet
165Kb / 2P
   Photo IC(photodiode with signal processing)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com