データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

J031-57294-PKG10 データシート(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

部品番号 J031-57294-PKG10
部品情報  VG95234 Qualified Circular Waterproof Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JAE [Japan Aviation Electronics Industry, Ltd.]
ホームページ  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

J031-57294-PKG10 データシート(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  J031-57294-PKG10 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. J031-57294-PKG10 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. J031-57294-PKG10 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. J031-57294-PKG10 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. J031-57294-PKG10 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. J031-57294-PKG10 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. J031-57294-PKG10 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. J031-57294-PKG10 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. J031-57294-PKG10 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MB-0285-3
3/10
JAE Connector 2nd Sales Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
Electrical
Performance
Item
Defined Value
Standard
(Paragraph Number)
Dielectric Withstanding
Voltage
A.C.2550Vrms
NFF61-030 (11.3.1)
Maximum Rated Current Whole Connector: 63.1A (10 pos.),
96.2A (37 pos.), 124.8A (48 pos.)
Individual Connector: 13A
NFF61-030 (11.3.5)
Insulation Resistance
5000MΩ min.
NFF61-030 (11.3.2)
Contact Resistance
2.5mΩ max.
NFF61-030 (11.3.3)
Environmental
Resistance
Item
Meets Function and Performance
At Below Test Conditions
Standards for
Reference
(Paragraph Number)
High-temperature
High-humidity Test
Temperature: 40 Deg. C
Relative humidity: 95%
Applied period of time: 21 days
NFF61-030 (11.4.1)
Sine Wave Vibration
Frequency: 10 ~ 100Hz
Acceleration: 19.6m/s2
Period of time: 15 minutes / cycle
(10  100  10Hz) 2 hours for
each axis, 4 hours total
NFF61-030 (11.5.2)
Vibration Durability
Random vibration, applied to each
axis for 5h x 3 axis
Acceleration of
Vertical vibration: 7.9m/s2
Horizontal vibration: 3.5m/s2
Longitudinal vibration: 5.5m/s2
EN61373
(EN50467 6.16)
Waterproof
(When Mated)
IP67 minimum
IEC60529
Heat Shock
(Heat Cycle)
Temperature range: -40 Deg. C ~
+100 Deg. C, 5 Cycles
NFF61-030 (11.4.2)
Mating Durability
Mating cycles: 500 times
NFF61-030 (11.6.1)
Corrosion (Salt Spray)
Saltwater concentration: 5%
Test tank temperature: 35 Deg. C
Exposure time: 500h
NFF61-030 (11.4.3)
Shock Resistance
Impact strength: 294m/s2
Semi-sine wave 18msec
NFF61-030 (11.5.1)
High Temperature
Resistance
Temperature: 125 Deg. C
Exposure time: 96h
NFF61-030 (11.6.2)
Ozone Resistance
Concentration: 200 ± 20pphm
Exposure time: 24h
NFF61-030 (11.4.6)
Please refer to the below documents for specifications and handling instructions.
Specifications
JACS-50103
Handling Instructions
JAHL-50103
General Specifications


同様の説明 - J031-57294-PKG10

メーカー部品番号データシート部品情報
logo
Assmann Electronics Inc...
A-CR-04PMMP-LC-WP ASSMANN-A-CR-04PMMP-LC-WP Datasheet
48Kb / 1P
   Waterproof Circular connector
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Assmann Electronics Inc...
A-CR-04PMMS-LC-WP-R ASSMANN-A-CR-04PMMS-LC-WP-R Datasheet
260Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
A-CR-05PMMS-LC-WP-R ASSMANN-A-CR-05PMMS-LC-WP-R Datasheet
260Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
A-CR-03PMMS-LC-WP-R ASSMANN-A-CR-03PMMS-LC-WP-R Datasheet
257Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
A-CR-03PMMP-LC-WP-R ASSMANN-A-CR-03PMMP-LC-WP-R Datasheet
261Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) SOLDER TYPE, PANEL MOUNT
A-CR-04BFFA-L180-WP-R ASSMANN-A-CR-04BFFA-L180-WP-R Datasheet
252Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-05BMMA-L180-WP-R ASSMANN-A-CR-05BMMA-L180-WP-R Datasheet
253Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com